Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51285BRUKT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51285BRUKT
Description  Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51285BRUKT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS51285BRUKT Datasheet HTML 3Page - Texas Instruments TPS51285BRUKT Datasheet HTML 4Page - Texas Instruments TPS51285BRUKT Datasheet HTML 5Page - Texas Instruments TPS51285BRUKT Datasheet HTML 6Page - Texas Instruments TPS51285BRUKT Datasheet HTML 7Page - Texas Instruments TPS51285BRUKT Datasheet HTML 8Page - Texas Instruments TPS51285BRUKT Datasheet HTML 9Page - Texas Instruments TPS51285BRUKT Datasheet HTML 10Page - Texas Instruments TPS51285BRUKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPS51285A
TPS51285B
www.ti.com
SLVSBX0 – APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V, VCLK: 200 Ω to
GND
(unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT DISCHARGE
TA = 25°C, VVO1 = 0.5 V
RDIS1
CH1 discharge resistance
35
Ω
VEN1 = VEN2 = 0 V
TPS51285A
75
RDIS2
CH2 discharge resistance
TA = 25°C, VSW2 = 0.5 V, VEN1 = VEN2 = 0 V
Ω
TPS51285B
70
SOFT START
tSS
Soft-start time (From ENx Hi)
From ENx="Hi" and VVREG5 > VUVLO5 to VOUT = 95%
0.91
ms
tSSRAMP
Soft-start time (ramp-up)
VOUT= 0% to VOUT = 95%, VVREG5 = 5 V
0.78
ms
POWER GOOD
tPGDEL
PG start-up delay
From EN1 = "Hi", EN2 = "Hi", and VVREG5 > VUVLO5
1.65
ms
VPGTH
PG threshold
PGOOD in from lower (start-up)
87.5%
90%
92.5%
IPGMAX
PG sink current
VPGOOD = 0.5 V
6.5
mA
IPGLK
PG leak current
VPGOOD = 5.5 V
1
µA
CURRENT SENSING
ICS
CS source current
TA = 25°C, VCS = 0.4 V
45
50
55
µA
TCCS
CS current temperature coefficient (2)
On the basis of 25°C
4500
ppm/°C
VCS
CS Current limit setting range
0.2
2
V
Positive
5
10
VAZCADJ
Adaptive zero cross adjustable range
mV
Negative
–10
–5
LOGIC THRESHOLD
VENX(ON)
EN threshold high-level
SMPS on level
1.6
V
VENX(OFF)
EN threshold low-level
SMPS off level
0.3
V
IEN
EN input current
VENx= 3.3 V
1
µA
OUTPUT OVERVOLTAGE PROTECTION
VOVP
OVP trip threshold
112.5%
115% 117.5%
tOVPDLY
OVP propagation delay
TA = 25°C
0.5
µs
OUTPUT UNDERVOLTAGE PROTECTION
VUVP
UVP trip Threshold
55%
60%
65%
VUVP-ST
UVP trip Threshold
Start Up
87.5%
90%
92.5%
tUVPDLY
UVP prop delay
250
µs
tUVPENDLY
UVP enable delay
From ENx ="Hi", VVREG5 = 5V
1.1
ms
UVLO
Wake up
4.2
4.58
4.95
V
VUVL0VIN
VIN UVLO Threshold
Shutdown
3.75
4.1
4.45
V
Wake up
4.08
4.38
4.55
V
VUVLO5
VREG5 UVLO Threshold
Shutdown
3.7
4
4.3
V
Wake up
3
3.15
3.26
V
VUVLO3
VREG3 UVLO Threshold
Shutdown
2.75
3
3.21
V
(2)
Specified by design. Not production tested.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS51285A TPS51285B


Numéro de pièce similaire - TPS51285BRUKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51285BRUKT TI1-TPS51285BRUKT Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
More results

Description similaire - TPS51285BRUKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com