Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2592AL Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2592AL
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2592AL Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2592AL Datasheet HTML 1Page - Texas Instruments TPS2592AL Datasheet HTML 2Page - Texas Instruments TPS2592AL Datasheet HTML 3Page - Texas Instruments TPS2592AL Datasheet HTML 4Page - Texas Instruments TPS2592AL Datasheet HTML 5Page - Texas Instruments TPS2592AL Datasheet HTML 6Page - Texas Instruments TPS2592AL Datasheet HTML 7Page - Texas Instruments TPS2592AL Datasheet HTML 8Page - Texas Instruments TPS2592AL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
14.5
15
15.5
16
-50
0
50
100
150
Temperature (
ƒC)
10 mA
100 mA
500 mA
C005
5.4
5.6
5.8
6
6.2
6.4
6.6
-50
0
50
100
150
Temperature (oC)
10 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C003
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C004
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
-50
0
50
100
150
Temperature (
ƒC)
C001
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C002
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 1. VUVLO vs TEMPERATURE
Figure 2. IVIN-OFF vs VIN ACROSS TEMPERATURE
Figure 3. IVIN-ON vs VIN ACROSS TEMPERATURE
Figure 4. IVIN-ON vs VIN ACROSS TEMPERATURE
(TPS2592Ax)
(TPS2592Bx)
Figure 5. VOVC vs TEMPERATURE ACROSS IOUT
Figure 6. VOVC vs TEMPERATURE
(TPS2592Ax)
(TPS2592Bx)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2592Ax TPS2592Bx


Numéro de pièce similaire - TPS2592AL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AL TI1-TPS2592AL Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592ALDRCR TI1-TPS2592ALDRCR Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592ALDRCT TI1-TPS2592ALDRCT Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
More results

Description similaire - TPS2592AL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com