Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2483PWR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2483PWR
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2483PWR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2483PWR Datasheet HTML 1Page - Texas Instruments TPS2483PWR Datasheet HTML 2Page - Texas Instruments TPS2483PWR Datasheet HTML 3Page - Texas Instruments TPS2483PWR Datasheet HTML 4Page - Texas Instruments TPS2483PWR Datasheet HTML 5Page - Texas Instruments TPS2483PWR Datasheet HTML 6Page - Texas Instruments TPS2483PWR Datasheet HTML 7Page - Texas Instruments TPS2483PWR Datasheet HTML 8Page - Texas Instruments TPS2483PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
TPS2482
TPS2483
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
While the standard monitoring function is limited to 36 V, with a few external components it is possible to monitor
buses as high as 80 V. See special application description in High Voltage Application Example.
DEVICE INFORMATION (1)
AMBIENT
DEVICE
PACKAGE
FUNCTION
MARKING
TEMPERATURE
TPS2482
-40°C to 85°C
PW20
Latch Off on Fault
TPS2482
TPS2483
-40°C to 85°C
PW20
Auto Retry on Fault
TPS2483
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the TI
web-site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over recommended operating temperature range (unless otherwise noted)
VALUES
UNIT
MIN
MAX
Input voltage range, VCC, SENSE, EN, OUT
-0.3
100
Supply voltage, VS
-0.3
6
Input voltage, common mode, VINP, VINM
-0.3
40
Input voltage, differential, VINP, VINM
-40
40
V
Input voltage range, PROG
-0.3
6
Output voltage range, GATE, PG
-0.3
100
Output voltage range, TIMER(3), VREF(3)
-0.3
6
Sink current, PG
10
Source current, VREF
2
mA
Sink current, PROG
2
SDA, ALERT
-0.3
6
V
SCL
-0.3
(VS + 0.3)
Current into SENSE
-1
1
Current into SDA, SCL, VS, VINP, VINM, A0, A1, ALERT
5
mA
Open-drain digital output current into SDA, ALERT
10
ESD rating, HBM
2000
V
ESD rating, CDM
500
Maximum operating junction temperature, TJ
150
°C
Storage temperature range, Tstg
-40
150
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND unless otherwise noted.
(3)
Do not apply external voltage to these pins.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS2482 TPS2483


Numéro de pièce similaire - TPS2483PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2483PWR TI1-TPS2483PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Description similaire - TPS2483PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com