Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF12P20 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQPF12P20
Description  200V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF12P20 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQPF12P20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF12P20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. B, May 2000
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
V
DS = -100V
V
DS = -40V
V
DS = -160V
※ Note : I
D = -11.5 A
Q
G, Total Gate Charge [nC]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
2
468
10
10
-1
10
0
10
1
150℃
25℃
-55℃
※ Notes :
1. V
DS = -40V
2. 250μs Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-6.0 V
Bottom : -5.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
0
400
800
1200
1600
2000
2400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0
10203040
0.0
0.5
1.0
1.5
2.0
※ Note : T
J
= 25℃
V
GS
= - 20V
V
GS = - 10V
-I
D , Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Numéro de pièce similaire - FQPF12P20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF12P20 FAIRCHILD-FQPF12P20 Datasheet
631Kb / 8P
   200V P-Channel MOSFET
More results

Description similaire - FQPF12P20

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com