Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4069UBF Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4069UBF
Description  CMOS Hex Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4069UBF Fiches technique(HTML) 4 Page - Texas Instruments

  CD4069UBF Datasheet HTML 1Page - Texas Instruments CD4069UBF Datasheet HTML 2Page - Texas Instruments CD4069UBF Datasheet HTML 3Page - Texas Instruments CD4069UBF Datasheet HTML 4Page - Texas Instruments CD4069UBF Datasheet HTML 5Page - Texas Instruments CD4069UBF Datasheet HTML 6Page - Texas Instruments CD4069UBF Datasheet HTML 7Page - Texas Instruments CD4069UBF Datasheet HTML 8Page - Texas Instruments CD4069UBF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Mar-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
CD4069UBE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4069UBE
CD4069UBEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4069UBE
CD4069UBF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4069UBF
CD4069UBF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4069UBF3A
CD4069UBM
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBM96
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBM96E4
ACTIVE
SOIC
D
14
TBD
Call TI
Call TI
-55 to 125
CD4069UBM96G4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
-55 to 125
CD4069UBM
CD4069UBME4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBMG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBMT
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBMTG4
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UBM
CD4069UBNSR
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UB
CD4069UBNSRE4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UB
CD4069UBNSRG4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4069UB
CD4069UBPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM069UB
CD4069UBPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM069UB


Numéro de pièce similaire - CD4069UBF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4069UBF TI1-CD4069UBF Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBF3A TI1-CD4069UBF3A Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
More results

Description similaire - CD4069UBF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com