Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC58NYG1S3EBAI5 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC58NYG1S3EBAI5
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NYG1S3EBAI5 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC58NYG1S3EBAI5 Datasheet HTML 1Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 2Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 3Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 4Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 5Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 6Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 7Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 8Page - Toshiba Semiconductor TC58NYG1S3EBAI5 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
TC58NYG1S3EBAI5
2011-03-01C
5
AC CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(Ta
= -40 to 85℃, VCC = 1.7 to 1.95V)
SYMBOL
PARAMETER
MIN
MAX
UNIT
tCLS
CLE Setup Time
12
ns
tCLH
CLE Hold Time
5
ns
tCS
CE Setup Time
20
ns
tCH
CE Hold Time
5
ns
tWP
Write Pulse Width
12
ns
tALS
ALE Setup Time
12
ns
tALH
ALE Hold Time
5
ns
tDS
Data Setup Time
12
ns
tDH
Data Hold Time
5
ns
tWC
Write Cycle Time
25
ns
tWH
WE High Hold Time
10
ns
tWW
WP High to WE Low
100
ns
tRR
Ready to RE Falling Edge
20
ns
tRW
Ready to WE Falling Edge
20
ns
tRP
Read Pulse Width
12
ns
tRC
Read Cycle Time
25
ns
tREA
RE Access Time
20
ns
tCEA
CE Access Time
25
ns
tCLR
CLE Low to RE Low
10
ns
tAR
ALE Low to RE Low
10
ns
tRHOH
RE High to Output Hold Time
22
ns
tRLOH
RE Low to Output Hold Time
5
ns
tRHZ
RE High to Output High Impedance
60
ns
tCHZ
CE High to Output High Impedance
20
ns
tCSD
CE High to ALE or CLE Don’t Care
0
ns
tREH
RE High Hold Time
10
ns
tIR
Output-High-impedance-to- RE Falling Edge
0
ns
tRHW
RE High to WE Low
30
ns
tWHC
WE High to CE Low
30
ns
tWHR
WE High to RE Low
60
ns
tR
Memory Cell Array to Starting Address
25
µs
tDCBSYR1
Data Cache Busy in Read Cache (following 31h and
3Fh)
30
µs
tDCBSYR2
Data Cache Busy in Page Copy (following 3Ah)
35
µs
tWB
WE High to Busy
100
ns
tRST
Device Reset Time (Ready/Read/Program/Erase)
6/6/10/500
µs
*1: tCLS and tALS can not be shorter than tWP
*2: tCS should be longer than tWP + 8ns.


Numéro de pièce similaire - TC58NYG1S3EBAI5

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC58NYG1S3EBAI4 TOSHIBA-TC58NYG1S3EBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results

Description similaire - TC58NYG1S3EBAI5

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
497Kb / 65P
   2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
TH58NVG5S0FTA20 TOSHIBA-TH58NVG5S0FTA20 Datasheet
677Kb / 73P
   32 GBIT (4G 횞 8 BIT) CMOS NAND E2PROM
TH58NS100DC TOSHIBA-TH58NS100DC Datasheet
432Kb / 43P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
TH58BYG3S0HBAI4 TOSHIBA-TH58BYG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HBAI6 TOSHIBA-TH58BVG3S0HBAI6 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HTAI0 TOSHIBA-TH58BVG3S0HTAI0 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HBAI4 TOSHIBA-TH58BVG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
   4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
TC74HC30AP TOSHIBA-TC74HC30AP_07 Datasheet
252Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com