Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT245SJ Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ACT245SJ
Description  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT245SJ Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ACT245SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT245SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC245, 74ACT245 Rev. 1.5.0
5
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°CTA = −40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC − 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC − 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = −50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
4.5
VIN = VIL or VIH,
IOH = −24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = −24mA
(4)
4.86
4.76
VOL
Maximum LOW
Level Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC − 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
−75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
IOZT
Maximum I/O
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, GND;
VO = VCC, GND
±0.3
±3.0
µA


Numéro de pièce similaire - 74ACT245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT245SJ FAIRCHILD-74ACT245SJ Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACT245SJ FAIRCHILD-74ACT245SJ Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74ACT245SJ ONSEMI-74ACT245SJ Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results

Description similaire - 74ACT245SJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com