Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-6630 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-6630
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-6630 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-6630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Outline Drawings
16 Pin DIP Through Hole, 2 Channels
Functional Diagrams
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
2 Channels
1 Channel
2 Channels
4 Channels
2 Channels
Note: All DIP and flat pack devices have common V
CC
and ground. Single channel DIP has an enable pin 7. LCCC (leadless ceramic chip carrier)
package has isolated channels with separate V
CC
and ground connections. All diagrams are “top view.”
Leaded Device Marking
Leadless Device Marking
0.20 (0.008)
0.33 (0.013)
;
;;
;
;;
;
;;
;
;;
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
3.81 (0.150)
MIN.
GND1
VO2
19
20
2
3
VO1
8
7
VCC2
VCC1 10
GND2
15
13
12
5
7
6
8
12
10
11
9
GND
1
3
2
4
16
14
15
13
VCC
VO1
VO2
VCC
VOUT
VE
GND
1
2
3
4
5
7
6
8
12
10
11
9
GND
1
3
2
4
16
14
15
13
VCC
VO1
VO3
VO2
VO4
1
3
2
4
8
6
7
5
VCC
GND
VO2
VO1
8
7
6
5
Notes
1. Qualified parts only
COMPLIANCE INDICATOR, [1]
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
* 50434
COUNTRY OF MFR.
Avago CAGE CODE [1]
Avago LOGO
DLA SMD [1]
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD [1]
* QUALIFIED PARTS ONLY
COMPLIANCE INDICATOR, [1]
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
* XXXX
XXXXXX
XXX 50434
DLA SMD [1]
Avago CAGE CODE [1]
Avago LOGO
COUNTRY OF MFR.
Avago P/N
PIN ONE/
ESD IDENT
DLA SMD [1]
* QUALIFIED PARTS ONLY


Numéro de pièce similaire - HCPL-6630

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-6630 HP-HCPL-6630 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Description similaire - HCPL-6630

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com