Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5731 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-5731
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5731 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5731 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5731 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Functional Diagrams
16 pin DIP
8 pin DIP
8 pin DIP
16 pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
4 Channels
1 Channel
2 Channels
4 Channels
2 Channels
Outline Drawings
16 Pin DIP Through Hole, 4 Channels
Leadless Device Marking
Leaded Device Marking
Note: All DIP and flat pack devices have common VCC and ground. LCCC (leadless ceramic chip carrier) package has isolated channels with separate
VCC and ground connections.
Note: Dimensions in Millimeters (Inches)
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
3.81 (0.150)
MIN.
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
Avago LOGO
Avago P/N
DLA SMD*
DLA SMD*
PIN ONE/
ESD IDENT
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
COUNTRY OF MFR.
Avago CAGE CODE*
*QUALIFIED PARTS ONLY
A QYYWWZ
XXXXXX
XXXX
XXXXXX
XXX 50434
Avago LOGO
Avago P/N
PIN ONE/
ESD IDENT
COUNTRY OF MFR.
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
DLA SMD*
DLA SMD*
Avago CAGE CODE*
16
11
10
9
7
5
6
8
2
1
3
4
12
14
15
13
7
5
6
8
2
3
4
1
7
5
6
8
2
3
4
1
16
15
14
13
11
10
9
7
5
6
8
2
1
3
4
12
13
14
15
19
20
7
8
10
12
13
15
GND1
VO1
VCC1
GND2
VO2
VCC2
2
3


Numéro de pièce similaire - HCPL-5731

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5731 HP-HCPL-5731 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5731-100 HP-HCPL-5731-100 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731-200 HP-HCPL-5731-200 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731-300 HP-HCPL-5731-300 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Description similaire - HCPL-5731

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com