Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1906052-3 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 3-1906052-3
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1906052-3 Fiches technique(HTML) 1 Page - Tyco Electronics

  3-1906052-3 Datasheet HTML 1Page - Tyco Electronics 3-1906052-3 Datasheet HTML 2Page - Tyco Electronics 3-1906052-3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Restricted to:
General Release
2
Jacket Diameter:
2.0
Jacket Color:
Orange
FiberType:
62.5/125
Mode:
MM
Number of Fibers:
mm
LC strain relief - 1.6 to 2.0 mm cable
Beige/Beige
Color:
Beige/Beige
LC strain relief - 1.6 to 2.0 mm cable
Color:
LC-Duplex Secure
Mode: MM
Housing Color: Blue
Geom. Spec: N/A
Connector(s):
L
0.25m Max
0.25m Max
Label 1
Label 2
LC-Duplex
Mode: MM
Housing Color: Beige
Geom. Spec: N/A
Connector(s):
Notes:
Product and Processing must meet requirements of Tyco
Electronics Standard 230-702
1
Includes dust caps (not shown on print).
2
Label 2 will not be present on any cable assembly less than 5
meters long.
3
A
-
B
-
B
-
A
-
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
1 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D


Numéro de pièce similaire - 3-1906052-3

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
3-1901695-1 TEC-3-1901695-1 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
3-1901695-1 TEC-3-1901695-1 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
3-1901695-3 TEC-3-1901695-3 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
3-1901695-3 TEC-3-1901695-3 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
3-1901696-2 TEC-3-1901696-2 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

Description similaire - 3-1906052-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
6278032 MACOM-6278032 Datasheet
78Kb / 3P
   FO C/A 2 FIBER, 62.5/125, OFNR JACKET, MT-RJ TO MT-RJ
logo
Tripp Lite. All Rights ...
N32002M TRIPPLITE-N32002M Datasheet
490Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N32030M TRIPPLITE-N32030M Datasheet
494Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N32061M TRIPPLITE-N32061M Datasheet
492Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 61M (200-ft.)
N320-405 TRIPPLITE-N320-405 Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 123M (405-ft.)
N32003M TRIPPLITE-N32003M Datasheet
495Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N32025M TRIPPLITE-N32025M Datasheet
484Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 25M (82-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N320-61M TRIPPLITE-N320-61M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 61M (200-ft.)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com