Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA10358F Fiches technique(PDF) 6 Page - Rohm

No de pièce BA10358F
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA10358F Fiches technique(HTML) 6 Page - Rohm

Back Button BA10358F Datasheet HTML 2Page - Rohm BA10358F Datasheet HTML 3Page - Rohm BA10358F Datasheet HTML 4Page - Rohm BA10358F Datasheet HTML 5Page - Rohm BA10358F Datasheet HTML 6Page - Rohm BA10358F Datasheet HTML 7Page - Rohm BA10358F Datasheet HTML 8Page - Rohm BA10358F Datasheet HTML 9Page - Rohm BA10358F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
6/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
○BA3404 family
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*13)
Vid
36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~(VEE+36)
V
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
Note:Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*13) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electric Characteristics
○BA3404 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA3404 family
Min.
Typ.
Max.
Input Offset Voltage
(*14)
Vio
25℃
-
2
5
mV
VOUT=0[V], Vicm=0[V]
Input Offset Current
(*14)
Iio
25℃
-
5
50
nA
VOUT=0[V], Vicm=0[V]
Input Bias Current
(*14)
Ib
25℃
-
70
200
nA
VOUT=0[V], Vicm=0[V]
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
RL≧2[k
Ω],
VOUT=±10[V],Vicm=0[V]
Maximum Output Voltage
VOM
25℃
±13
±14
-
V
RL≧2[k
Ω]
Input Common-mode Voltage Range
Vicm
25℃
-15
-
13
V
VOUT=0[V]
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=0[V],
Vicm=-15[V]~+13[V]
Power Supply Rejection Ratio
PSRR
25℃
80
94
-
dB
Ri≦10[k
Ω],
VCC=+4[V]~+30[V]
Supply Current
ICC
25℃
-
2.0
3.5
mA
RL=
∞ All Op-Amps,
VIN+=0[V]
Output Source Current
Isource
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=+12[V],
Output of one channel only
Output Sink Current
Isink
25℃
10
20
-
mA
VIN+=0[V], VIN-=1[V],
VOUT= -12[V],
Output of one channel only
Slew rate
SR
25℃
-
1.2
-
V/
μs
AV=0[dB],
RL=2[k
Ω],CL=100[pF]
Unity Gain Frequency
ft
25℃
-
1.2
-
MHz
RL=2[k
Ω]
Total Harmonic Distortion
THD
25℃
-
0.1
-
%
VOUT=10[Vp-p],f=20[kHz],
AV=0[dB],RL=2[k
Ω]
(*14) Absolute value


Numéro de pièce similaire - BA10358F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10358F ROHM-BA10358F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Description similaire - BA10358F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com