Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4050BDWR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4050BDWR
Description  CMOS to DTL/TTL Hex Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BDWR Fiches technique(HTML) 4 Page - Texas Instruments

  CD4050BDWR Datasheet HTML 1Page - Texas Instruments CD4050BDWR Datasheet HTML 2Page - Texas Instruments CD4050BDWR Datasheet HTML 3Page - Texas Instruments CD4050BDWR Datasheet HTML 4Page - Texas Instruments CD4050BDWR Datasheet HTML 5Page - Texas Instruments CD4050BDWR Datasheet HTML 6Page - Texas Instruments CD4050BDWR Datasheet HTML 7Page - Texas Instruments CD4050BDWR Datasheet HTML 8Page - Texas Instruments CD4050BDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
Input High Voltage, VIH Min
CD4049UB
0.5
-
5
44444
-
-
V
1
-
10
88888
-
-
V
1.5
-
15
12.5
12.5
12.5
12.5
12.5
-
-
V
Input High Voltage, VIH Min
CD4050B
4.5
-
5
3.5
3.5
3.5
3.5
3.5
-
-
V
9
-
10
77777
-
-
V
13.5
-
15
11
11
11
11
11
-
-
V
Input Current, IIN Max
-
0,18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
DC Electrical Specifications
(Continued)
PARAMETER
TEST CONDITIONS
LIMITS AT INDICATED TEMPERATURE (oC)
UNITS
-55
-40
85
125
25
VO
(V)
VIN
(V)
VCC (V)
MIN
TYP
MAX
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200kΩ
PARAMETER
TEST CONDITIONS
LIMITS (ALL PACKAGES)
UNITS
VIN
VCC
TYP
MAX
Propagation Delay Time
Low to High, tPLH
CD4049UB
5
5
60
120
ns
10
10
32
65
ns
10
5
45
90
ns
15
15
25
50
ns
15
5
45
90
ns
Propagation Delay Time
Low to High, tPLH
CD4050B
5
5
70
140
ns
10
10
40
80
ns
10
5
45
90
ns
15
15
30
60
ns
15
5
40
80
ns
Propagation Delay Time
High to Low, tPHL
CD4049UB
5
5
32
65
ns
10
10
20
40
ns
10
5
15
30
ns
15
15
15
30
ns
15
5
10
20
ns
Propagation Delay Time
High to Low, tPHL
CD4050B
5
5
55
110
ns
10
10
22
55
ns
10
5
50
100
ns
15
15
15
30
ns
15
5
50
100
ns
Transition Time, Low to High, tTLH
5
5
80
160
ns
10
10
40
80
ns
15
15
30
60
ns
Transition Time, High to Low, tTHL
5
5
30
60
ns
10
10
20
40
ns
15
15
15
30
ns
CD4049UB, CD4050B


Numéro de pièce similaire - CD4050BDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4050BDWR TI-CD4050BDWR Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050BDWR TI1-CD4050BDWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BDWR TI-CD4050BDWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BDWR TI1-CD4050BDWR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BDWRE4 TI-CD4050BDWRE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Description similaire - CD4050BDWR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com