Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1200BDUBR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1200BDUBR
Description  Fully-Differential Isolation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200BDUBR Fiches technique(HTML) 4 Page - Texas Instruments

  AMC1200BDUBR Datasheet HTML 1Page - Texas Instruments AMC1200BDUBR Datasheet HTML 2Page - Texas Instruments AMC1200BDUBR Datasheet HTML 3Page - Texas Instruments AMC1200BDUBR Datasheet HTML 4Page - Texas Instruments AMC1200BDUBR Datasheet HTML 5Page - Texas Instruments AMC1200BDUBR Datasheet HTML 6Page - Texas Instruments AMC1200BDUBR Datasheet HTML 7Page - Texas Instruments AMC1200BDUBR Datasheet HTML 8Page - Texas Instruments AMC1200BDUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AMC1200
AMC1200B
SBAS542B – APRIL 2011 – REVISED AUGUST 2012
www.ti.com
PACKAGE CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal to terminal distance
L(I01)
Minimum air gap (clearance)
7
mm
through air
Shortest terminal to terminal distance
L(I02)
Minimum external tracking (creepage)
7
mm
across the package surface
Tracking resistance
CTI
DIN IEC 60112/VDE 0303 part 1
≥ 400
V
(comparative tracking index)
Minimum internal gap
Distance through the insulation
0.014
mm
(internal clearance)
Input to output, VIO = 500 V, all pins on
each side of the barrier tied together to
> 1012
create a two-terminal device, TA < +85°C
RIO
Isolation resistance
Input to output, VIO = 500 V,
> 1011
+85°C
≤ TA < TA max
CIO
Barrier capacitance input to output
VI = 0.5 VPP at 1 MHz
1.2
pF
CI
Input capacitance to ground
VI = 0.5 VPP at 1 MHz
3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of a specific
application. Care should be taken to maintain the creepage and clearance distance of the board design to ensure that the mounting
pads of the isolator on the printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal
according to the measurement techniques shown in the Isolation Glossary section. Techniques such as inserting grooves and/or ribs on
the PCB are used to help increase these specifications.
ELECTRICAL CHARACTERISTICS
All minimum/maximum specifications at TA = –40°C to +105°C and within the specified voltage range, unless otherwise noted.
Typical values are at TA = +25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
AMC1200, AMC1200B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Maximum input voltage before
VINP – VINN
±320
mV
clipping
Differential input voltage
VINP – VINN
–250
+250
mV
VCM
Common-mode operating range
-0.16
VDD1
V
VOS
Input offset voltage
–1.5
±0.2
+1.5
mV
TCVOS
Input offset thermal drift
–10
±1.5
+10
µV/K
VIN from 0 V to 5 V at 0 Hz
108
dB
CMRR
Common-mode rejection ratio
VIN from 0 V to 5 V at 50 kHz
95
dB
CIN
Input capacitance to GND1
VINP or VINN
3
pF
CIND
Differential input capacitance
3.6
pF
RIN
Differential input resistance
28
k
Small-signal bandwidth
60
100
kHz
OUTPUT
Nominal gain
8
Initial, at TA = +25°C
–0.5
±0.05
+0.5
%
GERR
Gain error
–1
±0.05
+1
%
TCGERR
Gain error thermal drift
±56
ppm/K
4.5 V
≤ VDD2 ≤ 5.5 V
–0.075
±0.015
+0.075
%
Nonlinearity
2.7 V
≤ VDD2 ≤ 3.6 V
–0.1
±0.023
+0.1
%
Nonlinearity thermal drift
2.4
ppm/K
Output noise
VINP = VINN = 0 V
3.1
mVRMS
vs VDD1, 10-kHz ripple
80
dB
PSRR
Power-supply rejection ratio
vs VDD2, 10-kHz ripple
61
dB
Rise/fall time
0.5-V step, 10% to 90%
3.66
6.6
µs
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC1200 AMC1200B


Numéro de pièce similaire - AMC1200BDUBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1200BDUBR TI-AMC1200BDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Description similaire - AMC1200BDUBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com