Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C9V1 Fiches technique(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

No de pièce BZX55C9V1
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Site Internet  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BZX55C9V1 Fiches technique(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  BZX55C9V1 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C9V1 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C9V1 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX55C
Type
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
Vznom
VZT
at IZT
ZZT
ZZK
at IZK
Ta =25OCTa =125OC
IR at VR
(V)
(V)
(mA)
Max. (Ω)Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
BZX55C0V8
2)
0.8
0.73...0.83
5
8
50
1
-
-
-
-0.26...-0.23
BZX55C2V0
2
1.8...2.15
5
85
600
1
100
200
1
-0.09...-0.06
BZX55C2V2
2.2
2.08...2.33
5
85
600
1
75
160
1
-0.09...-0.06
BZX55C2V4
2.4
2.28...2.56
5
85
600
1
50
100
1
-0.09...-0.06
BZX55C2V7
2.7
2.5...2.9
5
85
600
1
10
50
1
-0.09...-0.06
BZX55C3V0
3
2.8...3.2
5
85
600
1
4
40
1
-0.08...-0.05
BZX55C3V3
3.3
3.1...3.5
5
85
600
1
2
40
1
-0.08...-0.05
BZX55C3V6
3.6
3.4...3.8
5
85
600
1
2
40
1
-0.08...-0.05
BZX55C3V9
3.9
3.7...4.1
5
85
600
1
2
40
1
-0.08...-0.05
BZX55C4V3
4.3
4...4.6
5
75
600
1
1
20
1
-0.06...-0.03
BZX55C4V7
4.7
4.4...5
5
60
600
1
0.5
10
1
-0.05...+0.02
BZX55C5V1
5.1
4.8...5.4
5
35
550
1
0.1
2
1
-0.02...+0.02
BZX55C5V6
5.6
5.2...6
5
25
450
1
0.1
2
1
-0.05...+0.05
BZX55C6V2
6.2
5.8...6.6
5
10
200
1
0.1
2
2
0.03...0.06
BZX55C6V8
6.8
6.4...7.2
5
8
150
1
0.1
2
3
0.03...0.07
BZX55C7V5
7.5
7...7.9
5
7
50
1
0.1
2
5
0.03...0.07
BZX55C8V2
8.2
7.7...8.7
5
7
50
1
0.1
2
6.2
0.03...0.08
BZX55C9V1
9.1
8.5...9.6
5
10
50
1
0.1
2
6.8
0.03...0.09
BZX55C10
10
9.4...10.6
5
15
70
1
0.1
2
7.5
0.03...0.1
BZX55C11
11
10.4...11.6
5
20
70
1
0.1
2
8.2
0.03...0.11
BZX55C12
12
11.4...12.7
5
20
90
1
0.1
2
9.1
0.03...0.11
BZX55C13
13
12.4...14.1
5
26
110
1
0.1
2
10
0.03...0.11
BZX55C15
15
13.8...15.6
5
30
110
1
0.1
2
11
0.03...0.11
BZX55C16
16
15.3...17.1
5
40
170
1
0.1
2
12
0.03...0.11
BZX55C18
18
16.8...19.1
5
50
170
1
0.1
2
13
0.03...0.11
BZX55C20
20
18.8...21.2
5
55
220
1
0.1
2
15
0.03...0.11
BZX55C22
22
20.8...23.3
5
55
220
1
0.1
2
16
0.04...0.12
BZX55C24
24
22.8...25.6
5
80
220
1
0.1
2
18
0.04...0.12
BZX55C27
27
25.1...28.9
5
80
220
1
0.1
2
20
0.04...0.12
BZX55C30
30
28...32
5
80
220
1
0.1
2
22
0.04...0.12
BZX55C33
33
31...35
5
80
220
1
0.1
2
24
0.04...0.12
BZX55C36
36
34...38
5
80
220
1
0.1
2
27
0.04...0.12
BZX55C39
39
37...41
2.5
90
500
0.5
0.1
5
30
0.04...0.12
BZX55C43
43
40...46
2.5
90
500
0.5
0.1
5
33
0.04...0.12
BZX55C47
47
44...50
2.5
110
600
0.5
0.1
5
36
0.04...0.12
BZX55C51
51
48...54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
BZX55C56
56
52...60
2.5
135
700
0.5
0.1
10
43
0.04...0.12
BZX55C62
62
58...66
2.5
150
1000
0.5
0.1
10
47
0.04...0.12
BZX55C68
68
64...72
2.5
200
1000
0.5
0.1
10
51
0.04...0.12
BZX55C75
75
70...79
2.5
250
1000
0.5
0.1
10
56
0.04...0.12
1) Tested with pulses tp = 20 ms.
2) The BZX55C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode
lead to the negative pole.


Numéro de pièce similaire - BZX55C9V1

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
BZX55C9V1 SUNMATE-BZX55C9V1 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C9V1 VISHAY-BZX55C9V1 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Yangzhou yangjie electr...
BZX55C9V1 YANGJIE-BZX55C9V1 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C9V1 VISHAY-BZX55C9V1 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Fairchild Semiconductor
BZX55C9V1 FAIRCHILD-BZX55C9V1 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Description similaire - BZX55C9V1

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com