Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C7V5 Fiches technique(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

No de pièce BZX55C7V5
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Site Internet  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BZX55C7V5 Fiches technique(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  BZX55C7V5 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C7V5 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C7V5 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX55C
Silicon Planar Zener Diodes
The Zener voltages are graded according to the
international E24 standard. Other tolerances and
higher Zener voltages are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 55 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 100 mA
VF
1
V
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Numéro de pièce similaire - BZX55C7V5

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BZX55C7V5 NJSEMI-BZX55C7V5 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C7V5 VISHAY-BZX55C7V5 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C7V5 ZSELEC-BZX55C7V5 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Vishay Siliconix
BZX55C7V5 VISHAY-BZX55C7V5 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C7V5 LUGUANG-BZX55C7V5 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX55C7V5

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com