Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS63Y504KJ10 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TS63Y504KJ10
Description  Multi-Turn Surface Mount 1/4 Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63Y504KJ10 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TS63Y504KJ10 Datasheet HTML 1Page - Vishay Siliconix TS63Y504KJ10 Datasheet HTML 2Page - Vishay Siliconix TS63Y504KJ10 Datasheet HTML 3Page - Vishay Siliconix TS63Y504KJ10 Datasheet HTML 4Page - Vishay Siliconix TS63Y504KJ10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS63
Multi-Turn Surface Mount 1/4" Square Cermet
Trimmers, Fully Sealed
Vishay Sfernice
Document Number: 51011
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 08-Feb-10
See also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
33
PACKAGING in millimeters
- X, Y and Z types: on tape and reel (dia. 330 mm) of 500 pieces, code TR500
- On request in magazine pack by 50 pieces (Tube) code TU
ORDERING INFORMATION (Part Number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS63
X
Y
Z
From
10
 to 2 M
504 = 500 k
K = ± 10 %
On request
J = ± 5 %
R10 =
Reel 500 pieces
On request
T20 =
Tube 2000 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TS63
Y
500K
10 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
2
12
4
Ø 1.5
+ 0.1
- 0
1.8
16
6
0.3
Ø 1.5
Version X.Y
3
Ø 330
22.4
Ø 13
16
Ø 1.5
Ø 1.5
12
4
2
2
12° max.
6.05
7.06
0.3
Version Z
10
50
K
4R
Y
S6
3
T


Numéro de pièce similaire - TS63Y504KJ10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
139Kb / 3P
   Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Revision: 05-Aug-04
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63Y504KR10TR500 VISHAY-TS63Y504KR10TR500 Datasheet
139Kb / 3P
   Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Revision: 05-Aug-04
TS63Y504KT20 VISHAY-TS63Y504KT20 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
More results

Description similaire - TS63Y504KJ10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 08-Feb-10
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
   Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 24-Jul-07
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
   Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Revision: 05-Aug-04
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
   1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
Revision: 05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
   1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
Revision: 09-Sep-16
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com