Moteur de recherche de fiches techniques de composants électroniques |
|
TS63Y101KR10 Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
TS63Y101KR10 Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 5 page Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed www.vishay.com For technical questions, contact: sfer@vishay.com Document Number: 51011 30 See also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 Revision: 08-Feb-10 TS63 Vishay Sfernice The TS63 multiturn trimmer has been designed for use in PCB surface mounting applications. Three variations are available according to the positioning of the control screw and contact positions. The cermet track gives a high stability performance with an extended ohmic capacity of 10 to 2 M. FEATURES • 0.25 W at 70 °C • Industrial grade • Multi-turn operation • A low contact resistance variation (down to 2 % Rn) • Low end contact resistance (1 typical) • Full sealing • Tests according to CECC 41000 or IEC 60393-1 • Compliant to RoHS Directive 2002/95/EC DIMENSIONS in millimeters (± 0.5 mm) TS63X RECOMMENDED SOLDERING AREAS TS63Z TS63Y b c Ø 0.45 Slot 0.5 x 0.5 0.25 5.8 ± 0.10 Ø 1.8 0.7 6.85 max. 6.85 max. 0.20 2.54 2.54 5 max. 1 ± 0.10 6.7 max. 1 2.54 2.54 7.5 c b a Ø 1.8 1.3 ± 0.1 7.6 max. 2.54 2.54 Ø 0.45 6.85 max. 0.25 Slot 0.5 x 0.5 6.85 max. 1 ± 0.1 5 max. 8.85 max. 5.3 max. 3 b c a 9.3 2.54 2.54 1 c b 1 ± 0.10 a 6.85 max. 0.3 Ø 1.8 8 max. Slot 0.5 x 0.5 2.54 2.54 5 max. 6.85 max. 6.7 max. 2.54 2.54 1 7.5 c b a 3 |
Numéro de pièce similaire - TS63Y101KR10 |
|
Description similaire - TS63Y101KR10 |