Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS53YL504MR10 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TS53YL504MR10
Description  Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS53YL504MR10 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TS53YL504MR10 Datasheet HTML 1Page - Vishay Siliconix TS53YL504MR10 Datasheet HTML 2Page - Vishay Siliconix TS53YL504MR10 Datasheet HTML 3Page - Vishay Siliconix TS53YL504MR10 Datasheet HTML 4Page - Vishay Siliconix TS53YL504MR10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 51008
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 22-Dec-08
21
TS53
Surface Mount Miniature Trimmers
Single-Turn Cermet Sealed
Vishay Sfernice
PACKAGING
On tape and reel of 500 pieces, code R10 (TR500) and 2000 pieces, code R20 (TR2000)
Cover tape panel strength specifications EIA 481 A and CEI 60286-3.
DRYPACK
Devices are packed in moisture barrier bags to prevent the products from moisture absorption during transportation and
storage. Each bag contains a desiccant.
SAP ORDERING INFORMATION (Part Number 15 digits)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
YL
YJ
From
10
Ω to 1 MΩ
504 = 500 k
Ω
± 20 %
R10 =
Reel 500 pieces
R20 =
Reel 2000 pieces
(if applicable)
Given by
VISHAY
for custom
design
PART NUMBER DESCRIPTION (for information only)
TS53
YL
500K
20 %
TR500
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD (Pb)-FREE
3 solts - width 2 to 120
° - ø ext. 23
Ø 12.7
Ø 178
± 2
0.3
3.2
2
Ø 70
13
8
5.2
7.6
12
5.5
1.75
4
2
Ø 1.5
L
504
M
R
1
3
Y
5
0
S
T


Numéro de pièce similaire - TS53YL504MR10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TS53YL504MR10 VISHAY-TS53YL504MR10 Datasheet
117Kb / 6P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
01-Jan-2022
More results

Description similaire - TS53YL504MR10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
   Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Revision 04-Mar-02
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
   Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
Revision: 09-Nov-06
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com