Moteur de recherche de fiches techniques de composants électroniques |
|
TL441 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TL441 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 20 page TL441 LOGARITHMIC AMPLIFIER SLVS328 – OCTOBER 2000 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 5 DIFFERENTIAL OUTPUT OFFSET VOLTAGE vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C 60 50 40 30 20 10 0 – 75 – 50 – 25 0 25 50 75 100 125 VCC ± = ±6 V See Figure 1 Figure 6 QUIESCENT OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C – 75 – 50 – 25 0 25 50 75 100 125 8 7 6 5 4 3 2 1 0 VCC ± = ±6 V See Figure 2 Figure 7 TA – Free-Air Temperature – °C – 75 – 50 – 25 0 25 50 75 100 125 12 10 8 6 4 2 0 DC SCALE FACTOR vs FREE-AIR TEMPERATURE VCC ± = ±6 V See Figure 3 Figure 8 TA – Free-Air Temperature – °C – 75 – 50 – 25 0 25 50 75 100 125 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 DC ERROR vs FREE-AIR TEMPERATURE VCC ± = ±6 V See Figure 3 † Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices. |
Numéro de pièce similaire - TL441 |
|
Description similaire - TL441 |