Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9406DCUR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9406DCUR
Description  2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCA9406DCUR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TCA9406DCUR Datasheet HTML 2Page - Texas Instruments TCA9406DCUR Datasheet HTML 3Page - Texas Instruments TCA9406DCUR Datasheet HTML 4Page - Texas Instruments TCA9406DCUR Datasheet HTML 5Page - Texas Instruments TCA9406DCUR Datasheet HTML 6Page - Texas Instruments TCA9406DCUR Datasheet HTML 7Page - Texas Instruments TCA9406DCUR Datasheet HTML 8Page - Texas Instruments TCA9406DCUR Datasheet HTML 9Page - Texas Instruments TCA9406DCUR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TCA9406
SCPS221B – OCTOBER 2010 – REVISED JUNE 2013
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
5.3
5.4
6.8
tPHL
Open-drain driving
2.3
8.8
2.4
9.6
2.6
10
A
B
ns
Push-pull driving
6.8
7.1
7.5
tPLH
Open-drain driving
45
260
36
208
27
198
Push-pull driving
4.4
4.5
4.7
tPHL
Open-drain driving
1.9
5.3
1.1
4.4
1.2
4
B
A
ns
Push-pull driving
5.3
4.5
0.5
tPLH
Open-drain driving
45
175
36
140
27
102
ten
OE
A or B
200
200
200
ns
tdis
OE
A or B
50
40
35
ns
Push-pull driving
3.2
9.5
2.3
9.3
2
7.6
trA
A-port rise time
ns
Open-drain driving
38
165
30
132
22
95
Push-pull driving
4
10.8
2.7
9.1
2.7
7.6
trB
B-port rise time
ns
Open-drain driving
34
145
23
106
10
58
Push-pull driving
2
5.9
1.9
6
1.7
13.3
tfA
A-port fall time
Open-drain driving
4.4
6.9
4.3
6.4
4.2
6.1
ns
Push-pull driving
2.9
13.8
2.8
16.2
2.8
16.2
tfB
B-port fall time
Open-drain driving
6.9
13.8
7.5
16.2
7
16.2
tSK(O)
Channel-to-channel skew
0.7
0.7
0.7
ns
Push-pull driving
21
22
24
Max data rate
Mbps
Open-drain driving
2
2
2
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TCA9406


Numéro de pièce similaire - TCA9406DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9406DCUR TI-TCA9406DCUR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
More results

Description similaire - TCA9406DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9406DCTR TI-TCA9406DCTR Datasheet
938Kb / 21P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR WITH 8kV HBM ESD
TCA9406 TI-TCA9406 Datasheet
515Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com