Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AC04DRG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74AC04DRG4
Description  The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AC04DRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AC04DRG4 Datasheet HTML 1Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 2Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 3Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 4Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 5Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 6Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 7Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 8Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54AC04, SN74AC04
HEX INVERTERS
SCAS519E − JULY 1995 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.99
2.9
2.9
IOH = −50 μA
4.5 V
4.4
4.49
4.4
4.4
IOH
50
μA
5.5 V
5.4
5.49
5.4
5.4
V
IOH = −12 mA
3 V
2.56
2.4
2.46
V
VOH
I
24 mA
4.5 V
3.86
3.7
3.76
V
IOH = −24 mA
5.5 V
4.86
4.7
4.76
IOH = −50 mA
5.5 V
3.85
IOH = −75 mA
5.5 V
3.85
3 V
0.002
0.1
0.1
0.1
IOL = 50 μA
4.5 V
0.001
0.1
0.1
0.1
IOL 50 μA
5.5 V
0.001
0.1
0.1
0.1
V
IOL =12 mA
3 V
0.36
0.5
0.44
V
VOL
I
24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA
5.5 V
1.65
IOL = 75 mA
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
μA
Ci
VI = VCC or GND
2.8
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.5
9
1
11
1
10
ns
tPHL
A
Y
1.5
4.5
8.5
1
10
1
9.5
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC04
SN74AC04
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4
7
1
8.5
1
7.5
ns
tPHL
A
Y
1.5
3.5
6.5
1
7.5
1
7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
45
pF


Numéro de pièce similaire - SN74AC04DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AC04DRG4 TI1-SN74AC04DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
More results

Description similaire - SN74AC04DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN5404 TI-SN5404 Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
[Old version datasheet]   The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
logo
New Jersey Semi-Conduct...
1N4158A NJSEMI-1N4158A Datasheet
202Kb / 1P
   THE DEVICES SHOWN HAVE A STANDARD TOLERANCE
logo
STMicroelectronics
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
   Using the over-the-air bootloader with STM32W108 devices
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
logo
Unisonic Technologies
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
   The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
STMicroelectronics
STM32L4 STMICROELECTRONICS-STM32L4 Datasheet
652Kb / 33P
   This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
Revision 2.0
logo
Kingbright Corporation
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com