Moteur de recherche de fiches techniques de composants électroniques |
|
ADR5040BKSZ-REEL7 Fiches technique(PDF) 1 Page - Analog Devices |
|
ADR5040BKSZ-REEL7 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 16 page Precision Micropower Shunt Mode Voltage References Data Sheet ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007–2012 Analog Devices, Inc. All rights reserved. FEATURES Ultracompact SC70 and SOT-23 packages Low temperature coefficient: 75 ppm/°C (maximum) Pin compatible with LM4040/LM4050 Initial accuracy: ±0.1% No external capacitor required Wide operating current range: 50 µA to 15 mA Extended temperature range: −40°C to +125°C Qualified for automotive applications APPLICATIONS Portable, battery-powered equipment Automotives Power supplies Data acquisition systems Instrumentation and process control Energy management PIN CONFIGURATION NOTES 1. NC = NO CONNECT. 2. PIN 3 MUST BE LEFT FLOATING OR CONNECTED TO GROUND. ADR5040/ADR5041/ ADR5043/ADR5044/ ADR5045 V+ 1 V– 2 NC 3 Figure 1. 3-Lead SC70 (KS) and 3-Lead SOT-23 (RT) GENERAL DESCRIPTION Designed for space-critical applications, the ADR5040/ ADR5041/ADR5043/ADR5044/ADR5045 are high precision shunt voltage references, housed in ultrasmall SC70 and SOT-23 packages. These voltage references are multipurpose, easy-to-use references that can be used in a vast array of applications. They feature low temperature drift, an initial accuracy of better than 0.1%, and fast settling time. Available in output voltages of 2.048 V, 2.5 V, 3.0 V, 4.096 V, and 5.0 V, the advanced design of the ADR5040/ADR5041/ADR5043/ ADR5044/ADR5045 eliminates the need for compensation by an external capacitor, yet the references are stable with any capacitive load. The minimum operating current increases from 50 µA to a maximum of 15 mA. This low operating current and ease of use make these references ideally suited for handheld, battery-powered applications. This family of references has been characterized over the extended temperature range of −40°C to +125°C. The ADR5041W and the ADR5044W are qualified for automotive applications and are available in a 3-lead SOT-23 package. Table 1. Selection Table Part Voltage (V) Initial Accuracy (%) Temperature Coefficient (ppm/°C) ADR5040A 2.048 ±0.2 100 ADR5040B 2.048 ±0.1 75 ADR5041A 2.5 ±0.2 100 ADR5041B 2.5 ±0.1 75 ADR5043A 3.0 ±0.2 100 ADR5043B 3.0 ±0.1 75 ADR5044A 4.096 ±0.2 100 ADR5044B 4.096 ±0.1 75 ADR5045A 5.0 ±0.2 100 ADR5045B 5.0 ±0.1 75 |
Numéro de pièce similaire - ADR5040BKSZ-REEL7 |
|
Description similaire - ADR5040BKSZ-REEL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |