Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9244BST-40 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9244BST-40
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9244BST-40 Fiches technique(HTML) 5 Page - Analog Devices

  AD9244BST-40 Datasheet HTML 1Page - Analog Devices AD9244BST-40 Datasheet HTML 2Page - Analog Devices AD9244BST-40 Datasheet HTML 3Page - Analog Devices AD9244BST-40 Datasheet HTML 4Page - Analog Devices AD9244BST-40 Datasheet HTML 5Page - Analog Devices AD9244BST-40 Datasheet HTML 6Page - Analog Devices AD9244BST-40 Datasheet HTML 7Page - Analog Devices AD9244BST-40 Datasheet HTML 8Page - Analog Devices AD9244BST-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9244
Rev. C | Page 5 of 36
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
WORST HARMONIC (SECOND or THIRD)1
fIN = 2.4 MHz
25°C
V
−94.5
−93.7
dBc
fIN = 20 MHz
25°C
V
−92.8
dBc
fIN = 32.5 MHz
25°C
V
−86.5
dBc
fIN = 70 MHz
25°C
V
−86.1
dBc
fIN = 100 MHz
25°C
V
−86.2
−84.5
dBc
fIN = 200 MHz
25°C
V
−60.7
−56.6
dBc
SFDR1
fIN = 2.4 MHz
Full
VI
78.6
82.5
dBc
25°C
I
94.5
93.7
dBc
fIN = 15.5 MHz (–1 dBFS)
Full
IV
83
dBc
25°C
V
90
dBc
fIN = 20 MHz
Full
IV
81.4
dBc
25°C
I
91.8
dBc
fIN = 32.5 MHz
Full
IV
80.0
dBc
25°C
I
86.4
dBc
fIN = 70 MHz
Full
IV
79.5
dBc
25°C
V
86.1
dBc
fIN = 100 MHz
25°C
V
86.2
84.5
dBc
fIN = 200 MHz
25°C
V
60.7
56.6
dBc
1 AC specifications can be reported in dBc (degrades as signal levels are lowered) or in dBFS (always related back to converter full scale).
DIGITAL SPECIFICATIONS
AVDD = 5 V, DRVDD = 3 V, VREF = 2 V, external reference, unless otherwise noted.
Table 3.
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage (OEB, DRVDD = 3 V)
Full
IV
2
2
V
Logic 1 Voltage (OEB, DRVDD = 5 V)
Full
IV
3.5
3.5
V
Logic 0 Voltage (OEB)
Full
IV
0.8
0.8
V
Logic 1 Voltage (DFS, DCS)
Full
IV
3.5
3.5
V
Logic 0 Voltage (DFS, DCS)
Full
IV
0.8
0.8
V
Input Current
Full
IV
10
10
μA
Input Capacitance
Full
V
5
5
pF
CLOCK INPUT PARAMETERS
Differential Input Voltage
Full
IV
0.4
0.4
V p-p
CLK− Voltage1
Full
IV
0.25
0.25
V
Internal Clock Common-Mode
Full
V
1.6
1.6
V
Single-Ended Input Voltage
Logic 1 Voltage
Full
IV
2
2
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
Input Capacitance
Full
V
5
5
pF
Input Resistance
Full
V
100
100
DIGITAL OUTPUTS (DRVDD = 5 V)
Logic 1 Voltage (IOH = 50 μA)
Full
IV
4.5
4.5
V
Logic 0 Voltage (IOL = 50 μA)
Full
IV
0.1
0.1
V
Logic 1 Voltage (IOH = 0.5 mA)
Full
IV
2.4
2.4
V
Logic 0 Voltage (IOL = 1.6 mA)
Full
IV
0.4
0.4
V


Numéro de pièce similaire - AD9244BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9244BST-40 AD-AD9244BST-40 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9244BST-40 AD-AD9244BST-40 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

Description similaire - AD9244BST-40

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com