Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7864ASZ-12 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7864ASZ-12
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7864ASZ-12 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7864ASZ-12 Datasheet HTML 3Page - Analog Devices AD7864ASZ-12 Datasheet HTML 4Page - Analog Devices AD7864ASZ-12 Datasheet HTML 5Page - Analog Devices AD7864ASZ-12 Datasheet HTML 6Page - Analog Devices AD7864ASZ-12 Datasheet HTML 7Page - Analog Devices AD7864ASZ-12 Datasheet HTML 8Page - Analog Devices AD7864ASZ-12 Datasheet HTML 9Page - Analog Devices AD7864ASZ-12 Datasheet HTML 10Page - Analog Devices AD7864ASZ-12 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7864
Rev. D | Page 7 of 28
DB7
DB8
DB9
DB10
DB11
CLKIN
INT/EXT CLK
BUSY
FRSTDAT
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
CONVST
CS
RD
WR
SL1
SL2
SL3
SL4
H/S SEL
AGND
AVDD
VREF
VREFGND
PIN 1
AD7864
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BUSY
Busy Output. The busy output is triggered high by the rising edge of CONVST and remains high until conversion
is completed on all selected channels.
2
FRSTDATA
First Data Output. FRSTDATA is a logic output which, when high, indicates that the output data register pointer
is addressing Register 1—see the Accessing the Output Data Registers section.
3
CONVST
Convert Start Input. Logic input. A low-to-high transition on this input puts all track-and-holds into their hold
mode and starts conversion on the selected channels. In addition, the state of the channel sequence selection is
also latched on the rising edge of CONVST.
4
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
5
RD
Read Input. Active low logic input that is used in conjunction with CS low to enable the data outputs. Ensure the
WR pin is at logic high while performing a read operation.
6
WR
Write Input. A rising edge on the WR input, with CS low and RD high, latches the logic state on DB0 to DB3 into
the channel select register.
7 to 10
SL1 to SL4
Hardware Channel Select. Conversion sequence selection can also be made via the SL1 to SL4 pins if H/S SEL is
Logic 0. The selection is latched on the rising edge of CONVST. See the
section.
Selecting a Conversion Sequence
11
H/S SEL
Hardware/Software Select Input. When this pin is at Logic 0, the AD7864 conversion sequence selection is
controlled via the SL1 to SL4 input pins. When this pin is at Logic 1, the sequence is controlled via the channel
select register. See the Selecting a Conversion Sequence section.
12
AGND
Analog Ground. General analog ground. Connect this AGND pin to the AGND plane of the system.
13 to 16
VIN4x, VIN3x
Analog Inputs. See the Analog Input section.
17
AGND
Analog Ground. Analog ground reference for the attenuator circuitry. Connect this AGND pin to the AGND plane
of the system.
18 to 21
VIN2x, VIN1x
Analog Inputs. See the Analog Input section.
22
STBY
Standby Mode Input. TTL-compatible input that is used to put the device into the power save or standby mode.
The STBY input is high for normal operation and low for standby operation.
23
VREFGND
Reference Ground. This is the ground reference for the on-chip reference buffer of the part. Connect the
VREFGND pin to the AGND plane of the system.
24
VREF
Reference Input/Output. This pin provides access to the internal reference (2.5 V ± 5%) and also allows the
internal reference to be overdriven by an external reference source (2.5 V). Connect a 0.1 μF decoupling
capacitor between this pin and AGND.
25
AVDD
Analog Positive Supply Voltage, 5.0 V ± 5%.
26
AGND
Analog Ground. Analog ground reference for the DAC circuitry.


Numéro de pièce similaire - AD7864ASZ-12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7864ASZ-1 AD-AD7864ASZ-1 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864ASZ-1REEL AD-AD7864ASZ-1REEL Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
More results

Description similaire - AD7864ASZ-12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. A
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com