Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3443DV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3443DV
Description  P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3443DV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3443DV Datasheet HTML 1Page - Vishay Siliconix SI3443DV Datasheet HTML 2Page - Vishay Siliconix SI3443DV Datasheet HTML 3Page - Vishay Siliconix SI3443DV Datasheet HTML 4Page - Vishay Siliconix SI3443DV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si3443DV
Vishay Siliconix
Document Number: 70713
S-54948—Rev. B, 29-Sep-97
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.065 @ VGS = –4.5 V
"4.4
–20
0.090 @ VGS = –2.7 V
"3.7
0.100 @ VGS = –2.5 V
"3.5
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
–20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"4.4
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"3.5
A
Pulsed Drain Current
IDM
"20
A
Continuous Source Current (Diode Conduction)a
IS
–1.7
Maximum Power Dissipationa
TA = 25_C
PD
2.0
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 5 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Numéro de pièce similaire - SI3443DV

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SI3443DV FAIRCHILD-SI3443DV Datasheet
111Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
International Rectifier
SI3443DV IRF-SI3443DV Datasheet
130Kb / 7P
   HEXFET Power MOSFET
SI3443DV IRF-SI3443DV Datasheet
131Kb / 7P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
SI3443DV-T1-GE3 VBSEMI-SI3443DV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
InterFET Corporation
SI3443DVPBF INTERFET-SI3443DVPBF Datasheet
109Kb / 7P
   HEXFET Power MOSFET
More results

Description similaire - SI3443DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com