Moteur de recherche de fiches techniques de composants électroniques |
|
AD5625BRUZ-REEL7 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD5625BRUZ-REEL7 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 36 page AD5625R/AD5645R/AD5665R, AD5625/AD5665 Data Sheet Rev. C | Page 8 of 36 I2C TIMING SPECIFICATIONS VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, fSCL = 3.4 MHz, unless otherwise noted.1 Table 5. Parameter Test Conditions2 Min Max Unit Description fSCL3 Standard mode 100 kHz Serial clock frequency Fast mode 400 kHz High speed mode, CB = 100 pF 3.4 MHz High speed mode, CB = 400 pF 1.7 MHz t1 Standard mode 4 μs tHIGH, SCL high time Fast mode 0.6 μs High speed mode, CB = 100 pF 60 ns High speed mode, CB = 400 pF 120 ns t2 Standard mode 4.7 μs tLOW, SCL low time Fast mode 1.3 μs High speed mode, CB = 100 pF 160 ns High speed mode, CB = 400 pF 320 ns t3 Standard mode 250 ns tSU;DAT, data setup time Fast mode 100 ns High speed mode 10 ns t4 Standard mode 0 3.45 μs tHD;DAT, data hold time Fast mode 0 0.9 μs High speed mode, CB = 100 pF 0 70 ns High speed mode, CB = 400 pF 0 150 ns t5 Standard mode 4.7 μs tSU;STA, setup time for a repeated start condition Fast mode 0.6 μs High speed mode 160 ns t6 Standard mode 4 μs tHD;STA, hold time (repeated) start condition Fast mode 0.6 μs High speed mode 160 ns t7 Standard mode 4.7 μs tBUF, bus-free time between a stop and a start condition Fast mode 1.3 μs t8 Standard mode 4 μs tSU;STO, setup time for a stop condition Fast mode 0.6 μs High speed mode 160 ns t9 Standard mode 1000 ns tRDA, rise time of SDA signal Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns t10 Standard mode 300 ns tFDA, fall time of SDA signal Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns t11 Standard mode 1000 ns tRCL, rise time of SCL signal Fast mode 300 ns High speed mode, CB = 100 pF 10 40 ns High speed mode, CB = 400 pF 20 80 ns t11A Standard mode 1000 ns tRCL1, rise time of SCL signal after a repeated start condition and after an acknowledge bit Fast mode 300 ns High speed mode, CB = 100 pF 10 80 ns High speed mode, CB = 400 pF 20 160 ns |
Numéro de pièce similaire - AD5625BRUZ-REEL7 |
|
Description similaire - AD5625BRUZ-REEL7 |