Moteur de recherche de fiches techniques de composants électroniques |
|
AD5625BRUZ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5625BRUZ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 36 page AD5625R/AD5645R/AD5665R, AD5625/AD5665 Data Sheet Rev. C | Page 6 of 36 B Grade Parameter Min Typ Max Unit Test Conditions/Comments1 LOGIC OUTPUTS (SDA)3 VOL, Output Low Voltage 0.4 V ISINK = 3 mA 0.6 V ISINK = 6 mA Floating-State Leakage Current ±1 µA Floating-State Output Capacitance 2 pF POWER REQUIREMENTS VDD 2.7 5.5 V IDD (Normal Mode)4 VIH = VDD, VIL = GND, full-scale loaded VDD = 4.5 V to 5.5 V 1.0 1.16 mA VDD = 2.7 V to 3.6 V 0.9 1.05 mA IDD (All Power-Down Modes)5 VDD = 2.7 V to 5.5 V 0.48 1 µA VIH = VDD, VIL = GND (LFCSP) VDD = 3.6 V to 5.5 V 0.48 1 µA VIH = VDD, VIL = GND (TSSOP) 1 Temperature range of B grade is −40°C to +105°C. 2 Linearity calculated using a reduced code range: AD5665 (Code 512 to Code 65,024), AD5625 (Code 32 to Code 4064). Output unloaded. 3 Guaranteed by design and characterization; not production tested. 4 Interface inactive. All DACs active. DAC outputs unloaded. 5 All DACs powered down. Power-down function is not available on 14-lead TSSOP parts when the part is powered with VDD < 3.6 V. |
Numéro de pièce similaire - AD5625BRUZ |
|
Description similaire - AD5625BRUZ |