Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5544 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5544
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5544 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5544_12 Datasheet HTML 7Page - Analog Devices AD5544_12 Datasheet HTML 8Page - Analog Devices AD5544_12 Datasheet HTML 9Page - Analog Devices AD5544_12 Datasheet HTML 10Page - Analog Devices AD5544_12 Datasheet HTML 11Page - Analog Devices AD5544_12 Datasheet HTML 12Page - Analog Devices AD5544_12 Datasheet HTML 13Page - Analog Devices AD5544_12 Datasheet HTML 14Page - Analog Devices AD5544_12 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 11 of 24
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
0.8
TIME (µs)
–4.08
–4.06
–4.04
–4.02
–4.00
–3.98
–3.96
–3.94
–3.92
–3.90
–3.88
Figure 13. AD5544 Midscale Transition
VDD = 5V
VREF = 10V
VOUT
LDAC
Figure 14. AD5544 Large Signal Settling Time
–0.2
–0.1
0
0.1
–20
–16
–12
–8
–4
0
4
–2
2
0
4
6
8
10
TIME (µs)
Figure 15. AD5544 Small Signal Settling Time
10,000
1000
100
10
1
1k
100M
10k
100k
1M
10M
CLOCK FREQUENCY (Hz)
ZERO SCALE
MIDSCALE
FULL SCALE
0x5555
Figure 16. AD5544 Power Supply Current vs. Clock Frequency
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
VREF = 10V
Figure 17. AD5544/AD5554 Power Supply Rejection vs. Frequency
20
0
–20
–40
–60
–80
–100
–120
–140
–160
0
5k
10k
15k
20k
25k
FREQUENCY (Hz)
Figure 18. AD5544/AD5554 Analog THD


Numéro de pièce similaire - AD5544_12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
More results

Description similaire - AD5544_12

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com