Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5541BR Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5541BR
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5541BR Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5541BR Datasheet HTML 2Page - Analog Devices AD5541BR Datasheet HTML 3Page - Analog Devices AD5541BR Datasheet HTML 4Page - Analog Devices AD5541BR Datasheet HTML 5Page - Analog Devices AD5541BR Datasheet HTML 6Page - Analog Devices AD5541BR Datasheet HTML 7Page - Analog Devices AD5541BR Datasheet HTML 8Page - Analog Devices AD5541BR Datasheet HTML 9Page - Analog Devices AD5541BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
AGND
2
REF
3
CS
4
VDD
8
DGND
7
DIN
6
SCLK
5
AD5541
TOP VIEW
(Not to Scale)
Figure 4. AD5541 Pin Configuration
Table 5. AD5541 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
OUT
Analog Output Voltage from the DAC.
2
AGND
Ground Reference Point for Analog Circuitry.
3
REF
Voltage Reference Input for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
4
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
5
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40% and 60%.
6
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the rising edge of SCLK.
7
DGND
Digital Ground. Ground reference for digital circuitry.
8
V
DD
Analog Supply Voltage, 5 V ± 10%.
RFB
1
VOUT 2
AGNDF
3
AGNDS
4
VDD
14
INV
13
DGND
12
LDAC
11
REFS
5
DIN
10
REFF
6
NC
9
CS
7
SCLK
8
NC = NO CONNECT
AD5542
TOP VIEW
(Not to Scale)
Figure 5. AD5542 Pin Configuration
Table 6. AD5542 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFB
Feedback Resistor Pin. In bipolar mode, connect this pin to the external op amp output.
2
V
OUT
Analog Output Voltage from the DAC.
3
AGNDF
Ground Reference Point for Analog Circuitry (Force).
4
AGNDS
Ground Reference Point for Analog Circuitry (Sense).
5
REFS
Voltage Reference Input (Sense) for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
6
REFF
Voltage Reference Input (Force) for the DAC. Connect to an external 2.5 V reference. Reference can range from 2 V to V
DD.
7
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
8
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40% and 60%.
9
NC
No Connect.
10
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the rising edge of SCLK.
11
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously updated with the contents of the
input register.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
INV
Connected to the Internal Scaling Resistors of the DAC. Connect the INV pin to external op amps inverting input in
bipolar mode.
14
V
DD
Analog Supply Voltage, 5 V ± 10%.


Numéro de pièce similaire - AD5541BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5541BR AD-AD5541BR Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
More results

Description similaire - AD5541BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com