Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD200R Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SD200R
Description  Standard Recovery Diodes (Stud Version), 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD200R Fiches technique(HTML) 5 Page - Vishay Siliconix

  SD200R Datasheet HTML 1Page - Vishay Siliconix SD200R Datasheet HTML 2Page - Vishay Siliconix SD200R Datasheet HTML 3Page - Vishay Siliconix SD200R Datasheet HTML 4Page - Vishay Siliconix SD200R Datasheet HTML 5Page - Vishay Siliconix SD200R Datasheet HTML 6Page - Vishay Siliconix SD200R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93541
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
5
SD200N/R Series
Standard Recovery Diodes
(Stud Version), 200 A
Vishay High Power Products
Fig. 8 - Thermal Impedance ZthJC Characteristic
ORDERING INFORMATION TABLE
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.23 K/ W
(DC Operation)
thJC
SD200N/ RSeries
Device code
5
13
24
67
SD
20
0
N
24
P
C
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
N = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A
M = Stud base DO-205AC (DO-30) M12 x 1.75
7
-
C = Ceramic housing
For metric device M12 x 1.75 contact factory
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95302


Numéro de pièce similaire - SD200R

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD200R IRF-SD200R Datasheet
213Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Description similaire - SD200R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
VS-SD200NR VISHAY-VS-SD200NR Datasheet
140Kb / 7P
   Standard Recovery Diodes, (Stud Version), 200 A
01-Jan-2022
SD203NR VISHAY-SD203NR Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
VS-SD203NR VISHAY-VS-SD203NR Datasheet
276Kb / 10P
   Fast Recovery Diodes (Stud Version) 200 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com