Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD586BRZ-REEL1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD586BRZ-REEL1
Description  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD586BRZ-REEL1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD586BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 9Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 10Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 11Page - Analog Devices AD586BRZ-REEL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD586
Rev. G | Page 8 of 16
CN = 1µF
NO CN
50
µS
200
µV
Figure 8. Effect of 1 µF Noise Reduction Capacitor on Broadband Noise
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two compo-
nents normally associated with this are the time for the active
circuits to settle, and the time for the thermal gradients on the
chip to stabilize. Figure 9, Figure 10, and Figure 11 show the
turn-on characteristics of the AD586. It shows the settling to be
about 60 µs to 0.01%. Note the absence of any thermal tails
when the horizontal scale is expanded to l ms/cm in Figure 10.
Output turn-on time is modified when an external noise reduc-
tion capacitor is used. When present, this capacitor acts as an
additional load to the current source of the internal Zener
diode, resulting in a somewhat longer turn-on time. In the case
of a 1 µF capacitor, the initial turn-on time is approximately
400 ms to 0.01% (see Figure 11).
VIN
VOUT
10V
1mV
20
µS
Figure 9. Electrical Turn-On
VIN
VOUT
10V
5V
1mS
Figure 10. Extended Time Scale
VIN
VOUT
10V
1mV
100mS
Figure 11. Turn-On with 1µF CN Characteristics
DYNAMIC PERFORMANCE
The output buffer amplifier is designed to provide the AD586
with static and dynamic load regulation superior to less com-
plete references.
Many ADCs and DACs present transient current loads to the
reference, and poor reference response can degrade the per-
formance of the converter.
Figure 12, Figure 13, and Figure 14 display the characteristics of
the AD586 output amplifier driving a 0 mA to 10 mA load.
AD586
VL
5V
0V
VOUT
500
3.5V
Figure 12. Transient Load Test Circuit


Numéro de pièce similaire - AD586BRZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD586BRZ-REEL1 AD-AD586BRZ-REEL1 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Description similaire - AD586BRZ-REEL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com