Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD680JN Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD680JN
Description  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD680JN Fiches technique(HTML) 2 Page - Analog Devices

  AD680JN Datasheet HTML 1Page - Analog Devices AD680JN Datasheet HTML 2Page - Analog Devices AD680JN Datasheet HTML 3Page - Analog Devices AD680JN Datasheet HTML 4Page - Analog Devices AD680JN Datasheet HTML 5Page - Analog Devices AD680JN Datasheet HTML 6Page - Analog Devices AD680JN Datasheet HTML 7Page - Analog Devices AD680JN Datasheet HTML 8Page - Analog Devices AD680JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD680
Rev. H | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Output Protection ........................................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Connection Diagram............................... 5
Theory of Operation ........................................................................ 6
Applying the AD680 .................................................................... 6
Noise Performance ....................................................................... 6
Turn-on Time................................................................................ 7
Dynamic Performance................................................................. 7
Load Regulation ............................................................................8
Temperature Performance............................................................8
Temperature Output Pin ..............................................................9
Differential Temperature Transducer .........................................9
Low Power, Low Voltage Reference for Data Converters ........9
4.5 V Reference from a 5 V Supply .......................................... 10
Voltage Regulator for Portable Equipment ............................. 10
Outline Dimensions ....................................................................... 11
Ordering Guide .......................................................................... 12
REVISION HISTORY
8/05—Rev. G to Rev. H
Changes to Ordering Guide ..........................................................11
12/04—Rev. F to Rev. G
Updated Format ................................................................. Universal
Changes to Ordering Guide ..........................................................11
5/04—Rev. E to Rev. F
Changes to ORDERING GUIDE ...................................................3
5/03—Rev. D to Rev. E
Changes to ORDERING GUIDE ...................................................3
Added ESD Caution ..........................................................................3
Changes to Figure 20.........................................................................7
Updated OUTLINE DIMENSIONS ...............................................8
7/01—Rev. C to Rev. D
Changes to SPECIFICATIONS........................................................2
Changes to ORDERING GUIDE ....................................................3
Table I added ......................................................................................6


Numéro de pièce similaire - AD680JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD680JN AD-AD680JN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680JN AD-AD680JN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

Description similaire - AD680JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com