Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLZ44ZPBF Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRLZ44ZPBF
Description  Logic Level, Advanced Process Technology, Ultra Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44ZPBF Fiches technique(HTML) 5 Page - International Rectifier

  IRLZ44ZPBF_10 Datasheet HTML 1Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 2Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 3Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 4Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 5Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 6Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 7Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 8Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRLZ44Z/S/LPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Normalized On-Resistance
Vs. Temperature
25
50
75
100
125
150
175
TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.736
0.000345
0.687
0.00147
0.449
0.007058
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci
i
/Ri
Ci=
τi/Ri
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 30A
VGS = 5.0V


Numéro de pièce similaire - IRLZ44ZPBF_10

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLZ44ZPBF IRF-IRLZ44ZPBF_15 Datasheet
387Kb / 12P
   Advnaced Process Technology
More results

Description similaire - IRLZ44ZPBF_10

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com