Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Am79C940BKI Fiches technique(PDF) 7 Page - Rochester Electronics

No de pièce Am79C940BKI
Description  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROCHESTER [Rochester Electronics]
Site Internet  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940BKI Fiches technique(HTML) 7 Page - Rochester Electronics

Back Button Am79C940BKI Datasheet HTML 3Page - Rochester Electronics Am79C940BKI Datasheet HTML 4Page - Rochester Electronics Am79C940BKI Datasheet HTML 5Page - Rochester Electronics Am79C940BKI Datasheet HTML 6Page - Rochester Electronics Am79C940BKI Datasheet HTML 7Page - Rochester Electronics Am79C940BKI Datasheet HTML 8Page - Rochester Electronics Am79C940BKI Datasheet HTML 9Page - Rochester Electronics Am79C940BKI Datasheet HTML 10Page - Rochester Electronics Am79C940BKI Datasheet HTML 11Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 7 of 13
90
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . -65°C to +150°C
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . .
Under Bias . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage to AVSS
or DVss (AVDD, DVDD) . . . . . . . . . . .-0.3 V to +6.0 V
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Max-
imum Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
VCC Supply Voltages
. . . . . . . . . . . . . . . . . . . . . . (AVDD, DVDD) 5 V ±5%
All inputs within the range: . . AVDD – 0.5 V ≤ Vin ≤
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVSS + 0.5 V, or
. . . . . . . . . . . . . . . . . . . . . . . . . DVDD – 0.5 V ≤ Vin ≤
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DVSS + 0.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS (Unless otherwise noted, parametric values are the same
between Commercial devices and Industrial devices.)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
VILX
XTAL1 Input LOW Voltage
(External Clock Signal)
VSS = 0.0 V
–0.5
0.8
V
VIHX
XTAL1 Input HIGH Voltage
(External Clock Signal)
VSS = 0.0 V
VDD–
0.8
VDD+
0.5
V
VOL
Output LOW Voltage
IOL = 3.2 mA
0.45
V
VOH
Output HIGH Voltage
IOH = -0.4 mA (Note 1)
2.4
V
IIL1
Input Leakage Current
VDD = 5 V, VIN = 0 V
(Note 2)
–10
10
µA
IIL2
Input Leakage Current
VDD = 5 V, VIN = 0 V
(Note 2)
–200
200
µA
IIH
Input Leakage Current
VDD = 5 V, VIN = 2.7 V
(Note 3)
–100
µA
IIAXD
Input Current at DI+
and DI–
–1 V < VIN < AVDD + 0.5 V
–500
+500
µA
IIAXC
Input Current at CI+
and CI–
–1 V < VIN < AVDD + 0.5 V
–500
+500
µA
IILXN
XTAL1 Input LOW Current
during normal operation
VIN = 0 V
SLEEP = HIGH
–92
(Note 9)
µA
IIHXN
XTAL1 Input HIGH Current
during normal operation
VIN = 5.5 V
SLEEP = HIGH
92
(Note 10)
µA
IILXS
XTAL1 Input LOW Current
during Sleep
VIN = 0 V
SLEEP = LOW
<10
µA
IIHXS
XTAL1 Input HIGH Current
during Sleep
VIN = 5.5 V
SLEEP = LOW
410
µA
IOZ
Output Leakage Current
0.4 V < VOUT < VDD
(Note 4)
–10
10
µA
VAOD
Differential Output Voltage
|(DO+)–(DO–)|
RL = 78 Ω
630
1200
mV
VAODOFF
Transmit Differential Output
Idle Voltage
RL = 78 Ω (Note 5)
–40
+40
mV
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 7 of 13


Numéro de pièce similaire - Am79C940BKI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
AM79C940 AMD-AM79C940 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C940JC/W AMD-AM79C940JC/W Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940JCW AMD-AM79C940JCW Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
More results

Description similaire - Am79C940BKI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com