Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCW1V220MCL1GS Fiches technique(PDF) 2 Page - Nichicon corporation

No de pièce UCW1V220MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCW1V220MCL1GS Fiches technique(HTML) 2 Page - Nichicon corporation

  UCW1V220MCL1GS Datasheet HTML 1Page - Nichicon corporation UCW1V220MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.35
0.50
0.64
0.83
1.00
CW
series
ALUMINUM ELECTROLYTIC CAPACITORS
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
10
22
33
47
100
150
220
330
470
100
220
330
470
101
151
221
331
471
5
× 7
6.3
× 7
6.3
× 8.7
6.3
× 8.7
8
× 10
2.2
1.1
1.0
1.0
0.22
95
140
230
230
600
1H
50
0J
6.3
1A
10
1C
16
1E
25
1V
35
5
× 7
6.3
× 7
2.2
1.1
95
140
5
× 7
6.3
× 7
6.3
× 7
6.3
× 8.7
6.3
× 8.7
8
× 10
8
× 10
2.2
1.1
1.1
1.0
1.0
0.22
0.22
95
140
140
230
230
600
600
5
× 7
6.3
× 7
6.3
× 7
6.3
× 8.7
8
× 10
8
× 10
10
× 10
2.2
1.1
1.1
1.0
0.22
0.22
0.16
95
140
140
230
600
600
850
5
× 7
5
× 7
6.3
× 8.7
6.3
× 8.7
8
× 10
10
× 10
2.2
2.2
1.0
1.0
0.22
0.16
95
95
230
230
600
850
8
× 10
8
× 10
10
× 10
0.53
0.53
0.35
350
350
670
V
Code
Cap.
(µF)
Impedance
Case size
φ D × L (mm)
Rated
ripple
Dimensions
Max. impedance (
Ω) at 20°C 100kHz,
Rated ripple current (mArms) at 105°C 100kHz
CAT.8100B


Numéro de pièce similaire - UCW1V220MCL1GS

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
UCW1V220MCL NICHICON-UCW1V220MCL Datasheet
73Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Description similaire - UCW1V220MCL1GS

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com