Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP6N62K3 Fiches technique(PDF) 1 Page - STATEK CORPORATION

No de pièce STP6N62K3
Description  N-channel 620 V, 0.95typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STATEK [STATEK CORPORATION]
Site Internet  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STP6N62K3 Fiches technique(HTML) 1 Page - STATEK CORPORATION

  STP6N62K3 Datasheet HTML 1Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 2Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 3Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 4Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 5Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 6Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 7Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 8Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 9Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
August 2012
Doc ID 14676 Rev 4
1/19
19
STF6N62K3, STFI6N62K3, STI6N62K3,
STP6N62K3, STU6N62K3
N-channel 620 V, 0.95
Ω typ., 5.5 A SuperMESH3™ Power
MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220, IPAK packages
Datasheet
production data
Features
100% avalanche tested
Extremely high dv/dt capability
Gate charge minimized
Very low intrinsic capacitance
Improved diode reverse recovery
characteristics
Zener-protected
Applications
Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS RDS(on) max.
ID
PTOT
STF6N62K3
STFI6N62K3
STI6N62K3
STP6N62K3
STU6N62K3
620 V
< 1.2
5.5 A
30 W
30 W
90 W
90 W
90 W
TO-220
TO-220FP
1
2
3
1 2
3
I²PAK
3
2
1
IPAK
1
2
3
TAB
TAB
TAB
1
2
3
I²PAK FP
D(2,TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF6N62K3
STFI6N62K3
STI6N62K3
STP6N62K3
STU6N62K3
6N62K3
TO-220FP
I²PAKFP
I²PAK
TO-220
IPAK
Tube
www.st.com


Numéro de pièce similaire - STP6N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP6N62K3 STMICROELECTRONICS-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
More results

Description similaire - STP6N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
   N-channel 620 V, 0.95 廓 typ., 7.0 A Power MOSFET in I짼PAKFP and TO-220
August 2013 Rev 1
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com