Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP6N62K3 Fiches technique(PDF) 7 Page - STATEK CORPORATION

No de pièce STP6N62K3
Description  N-channel 620 V, 0.95typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STATEK [STATEK CORPORATION]
Site Internet  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STP6N62K3 Fiches technique(HTML) 7 Page - STATEK CORPORATION

Back Button STP6N62K3 Datasheet HTML 3Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 4Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 5Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 6Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 7Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 8Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 9Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 10Page - STATEK CORPORATION STP6N62K3 Datasheet HTML 11Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STF6N62K3, STFI6N62K3, STI6N62K3, STP6N62K3, STU6N62K3
Electrical characteristics
Doc ID 14676 Rev 4
7/19
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
10
VDS(V)
20
(A)
8
10
5V
6V
VGS=10V
12
AM09054v1
ID
3
2
1
0
0
4
VGS(V)
8
(A)
2
6
10
4
5
6
7
8
VDS=15V
AM09055v1
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
VDD=496V
ID=5.5A
30
12
300
200
100
0
400
500
VDS
VDS(V)
AM09057v1
RDS(on)
1.00
0.95
0.90
0.85
0
2
ID(A)
(
Ω)
1
3
1.05
1.10
1.15
VGS=10V
5
4
6
AM09056v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM09058v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200
300
5
500
AM09059v1


Numéro de pièce similaire - STP6N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP6N62K3 STMICROELECTRONICS-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
More results

Description similaire - STP6N62K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
   N-channel 620 V, 0.95 廓 typ., 7.0 A Power MOSFET in I짼PAKFP and TO-220
August 2013 Rev 1
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com