Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH5204TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRFH5204TRPBF
Description  Secondary Side Synchronous Rectification, Inverters for DC Motors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH5204TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRFH5204TRPBF Datasheet HTML 1Page - International Rectifier IRFH5204TRPBF Datasheet HTML 2Page - International Rectifier IRFH5204TRPBF Datasheet HTML 3Page - International Rectifier IRFH5204TRPBF Datasheet HTML 4Page - International Rectifier IRFH5204TRPBF Datasheet HTML 5Page - International Rectifier IRFH5204TRPBF Datasheet HTML 6Page - International Rectifier IRFH5204TRPBF Datasheet HTML 7Page - International Rectifier IRFH5204TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFH5204PbF
2
www.irf.com
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case f
–––
1.2
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.05
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.6
4.3
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-9.3
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
96
–––
–––
S
Qg
Total Gate Charge
–––
43
65
Qgs1
Pre-Vth Gate-to-Source Charge
–––
9.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.0
–––
Qgd
Gate-to-Drain Charge
–––
14
–––
Qgodr
Gate Charge Overdrive
–––
16
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
18
–––
Qoss
Output Charge
–––
18
–––
nC
RG
Gate Resistance
–––
1.7
–––
Ω
td(on)
Turn-On Delay Time
–––
8.4
–––
tr
Rise Time
–––
14
–––
td(off)
Turn-Off Delay Time
–––
18
–––
tf
Fall Time
–––
8.3
–––
Ciss
Input Capacitance
–––
2460
–––
Coss
Output Capacitance
–––
515
–––
Crss
Reverse Transfer Capacitance
–––
250
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
30
45
ns
Qrr
Reverse Recovery Charge
–––
128
192
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 100μA
VGS = 10V
Typ.
VDS = 40V, VGS = 0V
VDS = 16V, VGS = 0V
VDD = 20V, VGS = 10V
–––
RG=1.8Ω
VDS = 15V, ID = 50A
VDS = 40V, VGS = 0V, TJ = 125°C
μA
ID = 50A
ID = 50A
VGS = 0V
VDS = 25V
TJ = 25°C, IF = 50A, VDD = 20V
di/dt = 500A/μs
TJ = 25°C, IS = 50A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
Max.
102
50
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250uA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 50A e
–––
–––
400
–––
–––
100
h
MOSFET symbol
nA
ns
A
pF
nC
VDS = 20V
–––
VGS = 20V
VGS = -20V


Numéro de pièce similaire - IRFH5204TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5204PBF IRF-IRFH5204PBF Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results

Description similaire - IRFH5204TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLH5034PBF IRF-IRLH5034PBF Datasheet
239Kb / 8P
   Secondary Side Synchronous Rectification, Inverters for DC Motors
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com