Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM31276-GTR Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce FM31276-GTR
Description  5V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31276-GTR Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button FM31276-GTR Datasheet HTML 3Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 4Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 5Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 6Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 7Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 8Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 9Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 10Page - Cypress Semiconductor FM31276-GTR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
FM31278/276 – 5V I2C Companion
Document Number: 001-86393 Rev. *B
Page 7 of 26
timekeeping registers. Updates to the timekeeping
core occur continuously except when locked.
Backup Power
The real-time clock/calendar is intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When VDD is less 2.5V the RTC (and event counters)
will switch to the backup power supply on VBAK. The
clock operates at extremely low current in order to
maximize battery or capacitor life. However, one of
the advantages of combining a clock function with
the F-RAM memory is that data is not lost regardless
of the backup power source.
The IBAK current varies with temperature and voltage
(see DC parametric table). The following graph
shows IBAK as a function of VBAK. These curves are
useful for calculating backup time when a capacitor
is used as the VBAK source.
Figure 7. IBAK vs. VBAK Voltage
The minimum VBAK voltage varies linearly with
temperature. The user can expect the minimum VBAK
voltage to be 1.23V at +85°C and 1.90V at -40°C.
The tested limit is 1.55V at +25°C. The minimum
VBAK voltage has been characterized at -40°C and
+85°C but is not 100% tested.
Figure 8. VBAK (min.) vs. Temperature
Trickle Charger
To facilitate capacitor backup, the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit, register 0Bh bit 2, is set to „1‟, the VBAK pin
will source approximately 80 µA until VBAK reaches
3.75V. In 5V systems, this charges the capacitor to
VDD without an external diode and resistor charger
and also prevents the user from exceeding the VBAK
maximum voltage specification. There is a Fast
Charge mode which is enabled by the FC bit (register
0Bh, bit 5). In this mode the trickle charger current is
set to approximately 1 mA, allowing a large backup
capacitor to charge more quickly.
In the case where no backup source is used, the VBAK
pin should be tied to VSS. VBAK should not be tied to
5V since the VBAK (max) specification will be
exceeded.
Be sure to turn off the trickle charger
(VBC=0), otherwise charger current will be shunted
to ground from VDD.
Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 K
series
resistor as a safety element. The trickle charger is UL
Recognized.
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Interface Registers
1 Hz
/OSCEN
Figure 9. Real-Time Clock Core Block Diagram


Numéro de pièce similaire - FM31276-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM31276-G RAMTRON-FM31276-G Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
More results

Description similaire - FM31276-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278 Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com