Moteur de recherche de fiches techniques de composants électroniques |
|
FM24V01-GTR Fiches technique(PDF) 10 Page - Cypress Semiconductor |
|
FM24V01-GTR Fiches technique(HTML) 10 Page - Cypress Semiconductor |
10 / 15 page FM24V01 - 128Kb I2C FRAM Document Number: 001-84459 Rev. *A Page 10 of 15 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +4.5V VIN Voltage on any pin with respect to VSS -1.0V to +4.5V and VIN < VDD+1.0V * TSTG Storage Temperature -55C to +125C TLEAD Lead Temperature (Soldering, 10 seconds) 260 C VESD Electrostatic Discharge Voltage - Human Body Model (AEC-Q100-002 Rev. E) - Charged Device Model (AEC-Q100-011 Rev. B) - Machine Model (AEC-Q100-003 Rev. E) 3.5kV 1.25kV 200V Package Moisture Sensitivity Level MSL-1 * Exception: The “V IN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40 C to + 85 C, VDD =2.0V to 3.6V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Main Power Supply 2.0 3.3 3.6 V IDD VDD Supply Current @ SCL = 100 kHz @ SCL = 1 MHz @ SCL = 3.4 MHz 90 200 500 175 400 1000 A A A 1 ISB Standby Current 80 150 A 2 IZZ Sleep Mode Current 4 8 A 2 ILI Input Leakage Current ±1 A 3 ILO Output Leakage Current ±1 A 3 VIL Input Low Voltage -0.3 0.3 VDD V VIH Input High Voltage 0.7 VDD VDD + 0.3 V VOL1 Output Low Voltage (IOL = 2 mA, VDD ≥ 2.7V) 0.4 V VOL2 Output Low Voltage (IOL = 150 A) 0.2 V RIN Address Input Resistance (WP, A2-A0) For VIN = VIL (max) For VIN = VIH (min) 50 1 K M 4 Notes 1. SCL toggling between VDD-0.2V and VSS, other inputs VSS or VDD-0.2V. 2. SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued. 3. VIN or VOUT = VSS to VDD. Does not apply to WP, A2-A0 pins. 4. The input pull-down circuit is stronger (50K) when the input voltage is below VIL and weak (1M) when the input voltage is above VIH. |
Numéro de pièce similaire - FM24V01-GTR |
|
Description similaire - FM24V01-GTR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |