Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C6V2 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
BZX55C6V2 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 4 page 2 www.fairchildsemi.com BZX55C2V4 - BZX55C56 Rev. D1 Notes: 1. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length. 2. Maximum Zener Current Ratings (IZM) The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve. Top Mark Information BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 15.3 16.8 18.8 20.8 22.8 17.1 19.1 21.1 23.3 25.6 40 50 55 55 80 5 5 5 5 5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 2 12 14 15 17 18 24 21 20 18 16 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 25.1 28.0 31.0 34.0 37.0 28.9 32.0 35.0 38.0 41.0 80 80 80 80 90 5 5 5 5 2.5 0.1 0.1 0.1 0.1 0.1 2 2 2 2 5 20 22 24 27 28 14 13 12 11 10 BZX55C43 BZX55C47 BZX55C51 BZX55C56 40 44 48 52 46 50 54 60 90 110 125 135 2.5 2.5 2.5 2.5 0.1 0.1 0.1 0.1 5 5 10 10 32 35 38 42 9.2 8.5 7.8 7.0 VF Forward Voltage = 1.3V Max. @ IF = 100mA Device Line 1 Line 2 Line 3 BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 2V4 2V7 3V0 3V3 3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 3V9 4V3 4V7 5V1 5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 6V2 6V8 7V5 8V2 9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 10 11 12 13 15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 16 18 20 22 24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 LOGO LOGO LOGO LOGO LOGO 5C 5C 5C 5C 5C 27 30 33 36 39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 LOGO LOGO LOGO LOGO 5C 5C 5C 5C 43 47 51 56 |
Numéro de pièce similaire - BZX55C6V2 |
|
Description similaire - BZX55C6V2 |