Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C3V0 Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
BZX55C3V0 Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 4 page 3 www.fairchildsemi.com BZX55C2V4 - BZX55C56 Rev. D1 Top Mark Information (Continued) General Requirements: 1.0 Cathode Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 4th to 5th characters of the device name. For BZxx series: 5th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name. For BZXyy series: Voltage rating 5.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 6.0 Maximum no. of marking lines: 3 7.0 Maximum no. of digits per line: 2 8.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 9.0 Marking Font: Arial (Except FSC Logo) 10.0 First character of each marking line must be aligned vertically. 11.0 All device markings must be based on Fairchild device specification. F 522 9B XY 1st line: F - Fairchild Logo 2nd line: Device Name - 4th to 5th characters of the device name. or 5th to 6th characters for BZXyy series 3rd line: Device Name - 6th to 7th characters of the device name. or Voltage rating for BZXyy series |
Numéro de pièce similaire - BZX55C3V0 |
|
Description similaire - BZX55C3V0 |