Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2672MX-5.0 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2672MX-5.0
Description  Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672MX-5.0 Fiches technique(HTML) 2 Page - Texas Instruments

  LM2672MX-5.0 Datasheet HTML 1Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 2Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 3Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 4Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 5Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 6Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 7Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 8Page - Texas Instruments LM2672MX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2731"Y"
L1 / 1.5 PH
R3
51K
C1
4.7PF
C2
4.7PF
R2
120
D1
MBR0520
WHITE
LED's
VIN
SW
FB
GND
SHDN
B1
LI-ION
3.3 - 4.2V
FLASH
ENABLE
0
LM2731
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
3.3 VIN
C1
2.2PF
R2
13.3K
CF
330pF
D1
MBR0520
R1/84K
L1/10PH
C2
4.7PF
D2
D3
D4
D5
R4
R5
9V OUT
240mA (typ)
Efficiency vs Load Current
LOAD (mA)
0
50 100 150 200 250
0
10
20
30
40
50
60
70
80
90
100
300
3.3 -9V
^y_ s Υ]}v
Efficiency vs Load Current
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
50
100 150 200 250
3.3 -12V Boost
^z_ s Υ]}v
LM2731
³<´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
3.3 VIN
C1
2.2PF
R2
13.3K
CF
270pF
D1
MBR0520
R1/117K
L1/6.8PH
C2
10PF
12V
OUT
230mA
(TYP)
TI Confidential - NDA Restrictions
LM2731
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
www.ti.com
Figure 1. White LED Flash Application
Connection Diagram
Top View
Figure 2. 5-Lead SOT-23 Package
See Package Number DBV0005A
2
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2731


Numéro de pièce similaire - LM2672MX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2672MX-5.0 NSC-LM2672MX-5.0 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672MX-5.0 NSC-LM2672MX-5.0 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672MX-5.0 TI-LM2672MX-5.0 Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM2672MX-5.0 NSC-LM2672MX-5.0 Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LM2672MX-5.0 TI1-LM2672MX-5.0 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results

Description similaire - LM2672MX-5.0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com