Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C27002-24PVXI Fiches technique(PDF) 14 Page - Cypress Semiconductor

No de pièce CY8C27002-24PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27002-24PVXI Fiches technique(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C27002-24PVXI Datasheet HTML 10Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 11Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 12Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 13Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 14Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 15Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 16Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 17Page - Cypress Semiconductor CY8C27002-24PVXI Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 14 of 64
56-pin Part Pinout
The 56-pin SSOP part is for the CY8C27002 On-Chip Debug (OCD) PSoC device.
Note This part is only used for in-circuit debugging. It is NOT available for production.
Table 8. Pin Definitions – 56-pin Part Pinout (SSOP)
Pin
No.
Type
Pin
Name
Description
Figure 9. CY8C27002 56-pin PSoC Device
Not for Production
Digital Analog
1
NC
No connection. Pin must be left floating
2
I/O
I
P0[7]
Analog column mux input
3
I/O
I
P0[5]
Analog column mux input and column
output
4
I/O
I
P0[3]
Analog column mux input and column
output
5
I/O
I
P0[1]
Analog column mux input
6
I/O
P2[7]
7
I/O
P2[5]
8
I/O
I
P2[3]
Direct switched capacitor block input
9
I/O
I
P2[1]
Direct switched capacitor block input
10
I/O
P4[7]
11
I/O
P4[5]
12
I/O
IP4[3]
13
I/O
IP4[1]
14
OCD
OCDE OCD even data I/O
15
OCD
OCDO OCD odd data output
16
Power
SMP
SMP connection to required external
components
17
I/O
P3[7]
18
I/O
P3[5]
19
I/O
P3[3]
20
I/O
P3[1]
21
I/O
P5[3]
22
I/O
P5[1]
23
I/O
P1[7]
I2C SCL
24
I/O
P1[5]
I2C SDA
25
NC
No connection. Pin must be left floating
26
I/O
P1[3]
27
I/O
P1[1]
Crystal Input (XTALin), I2C SCL,
ISSP-SCLK[9]
28
Power
VDD
Supply voltage
29
NC
No connection. Pin must be left floating
30
NC
No connection. Pin must be left floating
31
I/O
P1[0]
Crystal output (XTALout), I2C SDA,
ISSP-SDATA[9]
32
I/O
P1[2]
33
I/O
P1[4]
Optional external clock input (EXTCLK)
34
I/O
P1[6]
35
I/O
P5[0]
36
I/O
P5[2]
37
I/O
P3[0]
38
I/O
P3[2]
39
I/O
P3[4]
40
I/O
P3[6]
Note
9. These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
SSOP
1
56
255
354
453
5
52
6
51
750
849
948
10
47
11
46
12
45
13
44
14
43
15
42
16
41
17
40
18
39
19
38
20
37
21
36
22
35
23
34
24
33
25
32
26
31
27
30
28
29
VDD
P0[6], AI
P0[4], AIO
P0[2], AIO
P0[0], AI
P2[6], External VRef
P2[4], External AGND
P2[2], AI
P2[0], AI
P4[6]
P4[4]
P4[2]
P4[0]
CCLK
HCLK
XRES
P3[6]
P3[4]
P3[2]
P3[0]
P5[2]
P5[0]
P1[6]
P1[4], EXTCLK
P1[2]
P1[0], XTALOut, I2C SDA, S
NC
NC
AI, P0[7]
AIO, P0[5]
AIO, P0[3]
AI, P0[1]
P2[7]
P2[5]
AI, P2[3]
AI, P2[1]
P4[7]
P4[5]
P4[3]
P4[1]
OCDE
OCDO
SMP
P3[7]
P3[5]
P3[3]
P3[1]
P5[3]
P5[1]
I2C SCL, P1[7]
I2C SDA, P1[5]
NC
P1[3]
SCLK, I2C SCL, XTALIn, P1[1]
VSS
NC


Numéro de pièce similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C27002-24PVXI CYPRESS-CY8C27002-24PVXI Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results

Description similaire - CY8C27002-24PVXI

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com