Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8C28413-24PVXIT Fiches technique(PDF) 39 Page - Cypress Semiconductor

No de pièce CY8C28413-24PVXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28413-24PVXIT Fiches technique(HTML) 39 Page - Cypress Semiconductor

Back Button CY8C28413-24PVXIT Datasheet HTML 35Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 36Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 37Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 38Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 39Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 40Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 41Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 42Page - Cypress Semiconductor CY8C28413-24PVXIT Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *L
Page 39 of 80
DC Analog Output Buffer Specifications
The following tables list guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75 V to 5.25 V
and –40 °C
 TA  85 °C, or 3.0 V to 3.6 V and –40 °C  TA  85 °C, respectively. Typical parameters apply to 5 V and 3.3 V at 25 °C
and are for design guidance only.
Table 31. 5 V DC Analog Output Buffer Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
CL
Load capacitance
200
pF
This specification applies
to the external circuit that is
being driven by the analog
output buffer.
VOSOB
Input offset voltage (Absolute Value)
3
12
mV
TCVOSOB
Average input offset voltage drift
+6
20
V/°C
VCMOB
Common-mode input voltage range
0.5
VDD – 1.0
V
ROUTOB
Output resistance
Power = Low
Power = High
1
1
VOHIGHOB High output voltage swing (Load = 32
 to VDD/2)
Power = Low
Power = High
0.5 × VDD + 1.3
0.5 × VDD + 1.3
V
V
VOLOWOB
Low output voltage swing (Load = 32
 to VDD/2)
Power = Low
Power = High
0.5 × VDD – 1.3
0.5 × VDD – 1.3
V
V
ISOB
Supply current including bias cell
(No Load)
Power = Low
Power = High
1.1
2.6
5.1
8.8
mA
mA
PSRROB
Supply voltage rejection ratio
53
64
dB
(0.5 × VDD – 1.0)  VOUT
 (0.5 × VDD + 0.9).


Numéro de pièce similaire - CY8C28413-24PVXIT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C28413-24PVXIT CYPRESS-CY8C28413-24PVXIT Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C28413-24PVXIT CYPRESS-CY8C28413-24PVXIT Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
More results

Description similaire - CY8C28413-24PVXIT

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com