Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY14B512P Fiches technique(PDF) 29 Page - Cypress Semiconductor

No de pièce CY14B512P
Description  512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512P Fiches technique(HTML) 29 Page - Cypress Semiconductor

Back Button CY14B512P_13 Datasheet HTML 25Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 26Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 27Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 28Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 29Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 30Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 31Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 32Page - Cypress Semiconductor CY14B512P_13 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
CY14B512P
Document Number: 001-53872 Rev. *I
Page 29 of 35
Hardware STORE Cycle
Over the Operating Range
Parameter
Description
CY14B512P
Unit
Min
Max
tPHSB
Hardware STORE pulse width
15
ns
Switching Waveforms
Figure 32. Hardware STORE Cycle [28]
HSB (IN)
HSB (OUT)
RWI
HSB (IN)
HSB (OUT)
RWI
tHHHD
tSTORE
tPHSB
tDELAY
tLZHSB
tDELAY
tPHSB
HSB pin is driven HIGH to VCC only by Internal
100 K
resistor, HSB driver is disabled
SRAM is disabled as long as HSB (IN) is driven LOW.
Write Latch not set
Write Latch set
Note
28. If an SRAM write has not taken place since the last nonvolatile cycle, no AutoStore or Hardware STORE takes place.


Numéro de pièce similaire - CY14B512P_13

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Description similaire - CY14B512P_13

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512PA CYPRESS-CY14C512PA Datasheet
1Mb / 43P
   512-Kbit (64 K x 8) SPI nvSRAM with Real Time Clock Full-featured RTC
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com