Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7188BSTZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7188BSTZ
Description  Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7188BSTZ Fiches technique(HTML) 1 Page - Analog Devices

  ADV7188BSTZ Datasheet HTML 1Page - Analog Devices ADV7188BSTZ Datasheet HTML 2Page - Analog Devices ADV7188BSTZ Datasheet HTML 3Page - Analog Devices ADV7188BSTZ Datasheet HTML 4Page - Analog Devices ADV7188BSTZ Datasheet HTML 5Page - Analog Devices ADV7188BSTZ Datasheet HTML 6Page - Analog Devices ADV7188BSTZ Datasheet HTML 7Page - Analog Devices ADV7188BSTZ Datasheet HTML 8Page - Analog Devices ADV7188BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Multiformat SDTV Video Decoder
with Fast Switch Overlay Support
ADV7188
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Multiformat video decoder supports NTSC (J/M/4.43),
PAL (B/D/G/H/I/M/N), SECAM
Integrates four 54 MHz, Noise Shaped Video (NSV®), 12-bit ADCs
SCART fast blank support
Clocked from a single 28.63636 MHz crystal
Line-locked clock-compatible (LLC)
Adaptive Digital Line Length Tracking (ADLLT™), signal
processing, and enhanced FIFO management give
mini-TBC functionality
5-line adaptive comb filters
Proprietary architecture for locking to weak, noisy, and
unstable video sources such as VCRs and tuners
Subcarrier frequency lock and status information output
Integrated automatic gain control (AGC) with adaptive peak
white mode
Macrovision® copy protection detection
Chroma transient improvement (CTI)
Digital noise reduction (DNR)
Multiple programmable analog input formats
CVBS (composite video)
Y/C (S-video)
YPrPb (component) (VESA, MII, SMPTE, and BETACAM)
12 analog video input channels
Integrated antialiasing filters
Programmable interrupt request output pin
Automatic NTSC/PAL/SECAM identification
Digital output formats (8-bit, 10-bit, 16-bit, or 20-bit)
ITU-R BT.656 YCrCb 4:2:2 output + HS, VS, and FIELD
0.5 V to 1.6 V analog signal input range
Differential gain: 0.4% typical
Differential phase: 0.4° typical
Programmable video controls
Peak white/hue/brightness/saturation/contrast
Integrated on-chip video timing generator
Free-run mode (generates stable video output with no input)
VBI decode support for close captioning (including Gemstar®
1×/2× (XDS)), WSS, CGMS, teletext, VITC, VPS
Power-down mode
2-wire serial MPU interface (I2C® compatible)
3.3 V analog, 1.8 V digital core, 3.3 V input/output supply
Industrial temperature grade: −40°C to +85°C
80-lead, Pb-free LQFP
APPLICATIONS
High end DVD recorders
Video projectors
HDD-based PVRs/DVDRs
LCD TVs
Set-top boxes
Professional video products
AVR receiver
GENERAL DESCRIPTION
The ADV7188 integrated video decoder automatically detects and
converts standard analog baseband television signals compatible
with worldwide NTSC, PAL, and SECAM standards into
4:2:2 component video data compatible with 20-/16-/10-/8-bit
CCIR 601/CCIR 656.
The advanced, highly flexible digital output interface enables
performance video decoding and conversion in line-locked,
clock-based systems. This makes the device ideally suited for a
broad range of applications with diverse analog video character-
istics, including tape-based sources, broadcast sources, security
and surveillance cameras, and professional systems.
The accurate 12-bit ADC provides professional quality video
performance and is unmatched. This allows true 10-bit
resolution in the 10-bit output mode.
The 12 analog input channels accept standard composite, S-video,
and component video signals in an extensive number of
combinations.
AGC and clamp-restore circuitry allow an input video signal
peak-to-peak range of 0.5 V to 1.6 V. Alternatively, these can be
bypassed for manual settings.
The fixed 54 MHz clocking of the ADCs and datapath for all
modes allows very precise, accurate sampling and digital filtering.
The line-locked clock output allows the output data rate, timing
signals, and output clock signals to be synchronous, asynchronous,
or line locked even with ±5% variation in line length. The output
control signals allow glueless interface connections in most
applications. The ADV7188 modes are set up over a 2-wire,
serial, bidirectional port (I2C compatible).
SCART and overlay functionality are enabled by the ability of
the ADV7188 to process CVBS and standard definition RGB
signals simultaneously. Signal mixing is controlled by the fast
blank pin. The ADV7188 is fabricated in a 3.3 V CMOS process.
Its monolithic CMOS construction ensures greater functionality
with lower power dissipation. It is packaged in a small, Pb-free,
80-lead LQFP.


Numéro de pièce similaire - ADV7188BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results

Description similaire - ADV7188BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com