Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8349AREZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8349AREZ
Description  700 MHz to 2700 MHz Quadrature Modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8349AREZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8349AREZ Datasheet HTML 7Page - Analog Devices AD8349AREZ Datasheet HTML 8Page - Analog Devices AD8349AREZ Datasheet HTML 9Page - Analog Devices AD8349AREZ Datasheet HTML 10Page - Analog Devices AD8349AREZ Datasheet HTML 11Page - Analog Devices AD8349AREZ Datasheet HTML 12Page - Analog Devices AD8349AREZ Datasheet HTML 13Page - Analog Devices AD8349AREZ Datasheet HTML 14Page - Analog Devices AD8349AREZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD8349
Rev. B | Page 11 of 28
Figure 25. 20 MHz Offset Noise Floor Distribution at FLO = 900 MHz
(BB Inputs at a Bias of 400 mV with no AC signal, TA = 25°C)
Figure 26. 20 MHz Offset Noise Floor Distribution at FLO = 1900 MHz
(BB Inputs at a Bias of 400 mV with no AC signal, TA = 25°C)
Figure 27. 20 MHz Offset Noise Floor Distribution at FLO = 2140 MHz
(BB Inputs at a Bias of 400 mV with no AC signal, TA = 25°C)
Figure 28. 20 MHz Offset Noise Floor Distribution at FLO = 940 MHz
(FBB = 1 MHz, I and Q Inputs Driven in Quadrature at 1.2 V p-p, TA = 25°C)
Figure 29. 20 MHz Offset Noise Floor Distribution at FLO = 1960 MHz
(FBB = 1 MHz, I and Q Inputs Driven in Quadrature at 1.2 V p-p, TA = 25°C)
Figure 30. 20 MHz Offset Noise Floor Distribution at FLO = 2140 MHz
(FBB = 1 MHz, I and Q Inputs Driven in Quadrature at 1.2 V p-p, TA = 25°C)
0
2
4
6
22
24
26
28
30
20
8
10
12
14
16
18
NOISE FLOOR (dBm/Hz)
0
2
4
6
22
24
26
28
30
20
8
10
12
14
16
18
NOISE FLOOR (dBm/Hz)
0
2
4
6
22
24
26
28
30
20
8
10
12
14
16
18
NOISE FLOOR (dBm/Hz)
0
2
4
6
8
10
12
14
16
18
20
NOISE FLOOR (dBm/Hz)
0
2
4
6
8
10
12
14
16
18
28
NOISE FLOOR (dBm/Hz)
24
22
26
20
0
2
4
6
22
24
26
28
30
20
8
10
12
14
16
18
NOISE FLOOR (dBm/Hz)


Numéro de pièce similaire - AD8349AREZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8349AREZ-RL7 AD-AD8349AREZ-RL7 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results

Description similaire - AD8349AREZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com