Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5449YRUZ-REEL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5449YRUZ-REEL7
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5449YRUZ-REEL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD5449YRUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5449YRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 4 of 32
Parameter1
Min
Typ
Max
Unit
Conditions
Multiplying Feedthrough Error
DAC latches loaded with all 0s, VREF = ±3.5 V
70
dB
1 MHz
48
dB
10 MHz
Output Capacitance
12
17
pF
DAC latches loaded with all 0s
25
30
pF
DAC latches loaded with all 1s
Digital Feedthrough
3
5
nV-sec
Feedthrough to DAC output with CS high and
alternate loading of all 0s and all 1s
Output Noise Spectral Density
25
nV/√Hz
@ 1 kHz
Analog THD
81
dB
VREF = 3. 5 V p-p, all 1s loaded, f = 1 kHz
Digital THD
Clock = 10 MHz, VREF = 3.5 V
100 kHz fOUT
61
dB
50 kHz fOUT
66
dB
SFDR Performance (Wide Band)
AD5449, 65k codes, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
55
dB
100 kHz fOUT
63
dB
50 kHz fOUT
65
dB
Clock = 25 MHz
500 kHz fOUT
50
dB
100 kHz fOUT
60
dB
50 kHz fOUT
62
dB
SFDR Performance (Narrow Band)
AD5449, 65k codes, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
73
dB
100 kHz fOUT
80
dB
50 kHz fOUT
87
dB
Clock = 25 MHz
500 kHz fOUT
70
dB
100 kHz fOUT
75
dB
50 kHz fOUT
80
dB
Intermodulation Distortion
AD5449, 65k codes, VREF = 3.5 V
f1 = 40 kHz, f2 = 50 kHz
72
dB
Clock = 10 MHz
f1 = 40 kHz, f2 = 50 kHz
65
dB
Clock = 25 MHz
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
IDD
0.7
μA
TA = 25°C, logic inputs = 0 V or VDD
0.5
10
μA
TA = −40°C to +125°C, logic inputs = 0 V or VDD
Power Supply Sensitivity
0.001
%/%
∆VDD = ±5%
1 Guaranteed by design and characterization, not subject to production test.


Numéro de pièce similaire - AD5449YRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5449YRUZ-REEL7 AD-AD5449YRUZ-REEL7 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRUZ-REEL7 AD-AD5449YRUZ-REEL7 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Description similaire - AD5449YRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com