Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2874DW-1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC2874DW-1
Description  High Efficiency, Synchronous, Step-down (Buck) Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2874DW-1 Fiches technique(HTML) 4 Page - Texas Instruments

  UC2874DW-1 Datasheet HTML 1Page - Texas Instruments UC2874DW-1 Datasheet HTML 2Page - Texas Instruments UC2874DW-1 Datasheet HTML 3Page - Texas Instruments UC2874DW-1 Datasheet HTML 4Page - Texas Instruments UC2874DW-1 Datasheet HTML 5Page - Texas Instruments UC2874DW-1 Datasheet HTML 6Page - Texas Instruments UC2874DW-1 Datasheet HTML 7Page - Texas Instruments UC2874DW-1 Datasheet HTML 8Page - Texas Instruments UC2874DW-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UC1874; TA = –25°C to +85°C for UC2874; 0°C to +70°C for UC3874; VCC = 12V, Ct = 680pF, CCAP = 1 F; CBOOT = 0.1 F;
TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Sleep/Soft start/Bootstrap Section (continued)
Bootstrap Regulation Voltage
UCX874-2, Low Driver ON
9.5
10.2
12.5
V
UCX874-1, Low Driver ON
6
7.5
9
V
Bootstrap Refresh Voltage
UCX874-2, VCAOUT >VCTPEAK
789
V
UCX874-1, VCAOUT >VCTPEAK
2.7
3.5
4
V
High Side Driver Output Section
Output High Voltage
IOUT = –50mA, Boot = 23V
21
22.2
V
Output Low Voltage
IOUT = 50mA
1
2.2
V
IOUT = 10mA
300
500
mV
Output Low (UVLO)
IOUT = 50mA, VCC = 0V
0.9
1.5
V
Output Rise Time
COUT = 1nF
40
160
ns
Output Fall Time
COUT = 1nF
30
100
ns
Low Side Driver Output Section
Output High Voltage
IOUT = –50mA, VCAP = 11V
8.8
9.5
V
Output Low Voltage
IOUT = 50mA
1
2.2
V
IOUT = 10mA
300
500
mV
Output Low (UVLO)
IOUT = 50mA, VCC = 0V
0.9
1.5
V
Output Rise/Fall Time
CLOAD = 1nF
40
160
ns
Output Fall Time
COUT = 1nF
30
100
ns
X10 Amplifier Section
Gain
VISNS
± VISNS = 20mV to 80mV
9.2
9.8
10.4
V/V
Slew Rate Rising
TA = 25°C
1
1.4
V/ s
Slew Rate Falling
TA = 25°C
2
3.5
V/ s
Input Resistance
TA = 25°C
60
100
165
k
PIN DESCRIPTIONS
BOOT: This pin provides the high side rail for the
HDRIVE output.
An external capacitor (CBST)is
connected between this pin and the drain of the external
low side MOSFET.
When the low side MOSFET is
conducting Cbst is charged to 11V via an external diode
tied to CAP. When the low side MOSFET turns off and
the high side MOSFET turns on, the Cbst bootstraps
itself up with the source of high side MOSFET, ultimately
providing a 10V Vgs for the upper MOSFET. Since this
10V is referenced to the source of the high side
N-channel MOSFET, the actual voltage on BOOT and
HDRIVE is approximately 10V above VCC while the high
side MOSFET is conducting. The voltage on BOOT is
continuously
monitored
during
low
input
voltage
conditions when the duty cycle equals approximately
100% to insure that a sufficient gate drive level is being
supplied by the UC3874. If the voltage on BOOT falls
below 8V (UC3874-2) or 3.5V (UC3874-1), the IC forces
the low side driver to cycle itself on for the few cycles
required to replenish CBST. In this way, virtual 100% duty
cycle operation is provided.
CA-: This is the inverting input to the current amplifier.
Connect a series resistor and capacitor between this pin
and CAOUT to set the current loop compensation. An in-
put resistor between this pin and ISOUT provides the in-
ductor current sense signal to the amplifier and also
sets the high frequency gain of the amplifier. The com-
mon mode operating range for this input is between GND
and 4V. The normal range during operation is between
2V and 3V.
CAOUT: This is the output of the wide bandwidth current
amplifier and one of the inputs to the PWM duty cycle
comparator. The output signal generated by this amplifier
commands the PWM to force the correct duty cycle to
maintain output voltage in regulation. The output can
swing from 0.1V to 4V.


Numéro de pièce similaire - UC2874DW-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2874DW-1 TI-UC2874DW-1 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results

Description similaire - UC2874DW-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com